Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

  • VBO25-12AO2

  • AI
    ## Technical Overview: VBO25-12AO2 The **VBO25-12AO2** is a high-performance single-phase bridge rectifier module manufactured by IXYS (now part of Littelfuse). It is designed to convert alternating current (AC) into direct current (DC) for industrial power applications. --- ### 1. Key Technical Specifications | Parameter | Symbol | Value | | :--- | :--- | :--- | | **Max. Average Output Current** | $I_{dAV}$ | 25 A | | **Max. Repetitive Peak Reverse Voltage** | $V_{RRM}$ | 1200 V | | **Case Type** | PWS-A | ECO-PAC1 | | **Forward Voltage Drop** (per diode) | $V_F$ | ~1.1 V | | **Isolation Voltage** | $V_{ISOL}$ | 3000 V~ | | **Operating Junction Temperature** | $T_{vj}$ | -40 to +150 °C | --- ### 2. Physical Design and Packaging The module utilizes the **ECO-PAC** housing, which is optimized for space efficiency and thermal management: * **Planar Passivated Chips:** The internal silicon diodes are passivated to ensure long-term stability and reliability under high voltage. * **Direct Copper Bond (DCB):** The internal substrate uses DCB technology, providing excellent electrical isolation while maintaining low thermal resistance between the chips and the baseplate. * **Easy Mounting:** Features a single-hole mounting design and solderable pins for PCB integration. --- ### 3. Functional Features * **High Power Density:** High current capacity relative to its small footprint. * **Low Forward Voltage:** Reduces power dissipation and improves overall efficiency. * **Standardized Footprint:** Compatible with various industrial power supply designs. * **High Surge Current Capability:** Can withstand brief spikes in current (typically up to 370A for 10ms) without failure. --- ### 4. Common Applications The VBO25-12AO2 is typically found in the following systems: 1. **Input Rectifiers:** For variable speed AC motor drives. 2. **Battery Chargers:** Industrial-grade DC charging systems. 3. **Power Supplies:** DC power supplies for PWM inverters. 4. **Field Supply:** Used for DC motor excitation. --- ### 5. Circuit Connection Diagram A standard single-phase bridge rectifier consists of four diodes configured as follows: ```text AC Input (~) ----|>|----(+) DC Output | | |----|<|----(-) DC Output | | AC Input (~) ----|>|----(+) DC Output | | |----|<|----(-) DC Output ```
    ✨ Follow-up Questions
    • ⤷What is the recommended heat sink calculation for a 25A load?
    • ⤷ How does the VBO25-12AO2 compare to the 1600V version (VBO25-16AO2)?
    • ⤷ What are the specific soldering requirements for the ECO-PAC1 package?