Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

  • UT8205AL-P08-R

  • AI
    ## Technical Overview of UT8205AL-P08-R The **UT8205AL-P08-R** is a specialized semiconductor device, specifically a **Dual N-Channel Enhancement Mode Power MOSFET**. It is commonly utilized in battery management systems and portable electronics due to its low on-resistance and compact form factor. --- ### 1. Key Technical Specifications The following table highlights the primary electrical characteristics of the UT8205AL-P08-R: | Parameter | Symbol | Typical Rating | | :--- | :--- | :--- | | **Drain-Source Voltage** | $V_{DSS}$ | 20V | | **Gate-Source Voltage** | $V_{GSS}$ | ±12V | | **Continuous Drain Current** | $I_D$ | 6.0A | | **Drain-Source On-Resistance** | $R_{DS(ON)}$ | ~25mΩ @ $V_{GS}=4.5V$ | | **Package Type** | TSSOP-8 | Surface Mount | | **Configuration** | Dual | Two MOSFETs in one chip | --- ### 2. Pin Configuration (TSSOP-8) As a dual MOSFET, the 8 pins are divided between the two internal transistors (S1/D1/G1 and S2/D2/G2). | Pin Number | Function | Description | | :--- | :--- | :--- | | 1 | S1 | Source 1 | | 2 | D1 | Drain 1 | | 3 | D1 | Drain 1 | | 4 | G1 | Gate 1 | | 5 | G2 | Gate 2 | | 6 | D2 | Drain 2 | | 7 | D2 | Drain 2 | | 8 | S2 | Source 2 | --- ### 3. Key Features and Applications #### Features: * **Low $R_{DS(ON)}$:** Minimizes power loss during conduction, improving efficiency. * **Low Threshold Voltage:** Can be driven directly by logic-level signals (microcontrollers). * **High-Speed Switching:** Suitable for PWM (Pulse Width Modulation) applications. * **Halogen-Free:** Compliant with environmental standards (as indicated by the "R" suffix in many UTC parts). #### Common Applications: 1. **Lithium-Ion Battery Protection:** Used in protection circuits to prevent overcharge and over-discharge. 2. **Load Switching:** Turning peripheral power on/off in mobile devices. 3. **DC-DC Converters:** Small-scale power conversion in portable electronics. 4. **Motor Control:** Driving small DC motors in consumer robotics. --- ### 4. Part Number Breakdown The suffix system for UTC (Unisonic Technologies Co.) parts generally follows this logic: * **UT8205A**: The base model number. * **L**: Lead-free / RoHS compliant. * **P08**: Package code for TSSOP-8. * **R**: Tape and Reel packaging. ---
    ✨ Follow-up Questions
    • ⤷ What is the maximum power dissipation for the UT8205AL in a TSSOP-8 package?
    • ⤷ Can this MOSFET be used for high-side switching in a 12V system?
    • ⤷ What are the recommended gate drive voltage levels for optimal efficiency?