Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

  • UDS-CF-R.

  • AI
    The **UDS-CF-R** typically refers to a high-performance **Ultrasonic Dental Scaler** (often a built-in or tabletop component used in dentistry). The electronic architecture of this device is designed to convert electrical energy into high-frequency mechanical vibrations (28kHz - 30kHz). --- ### Core Electronic Components The system is comprised of several integrated modules that manage power, frequency, and user safety. | Component | Function | Technical Detail | | :--- | :--- | :--- | | **Piezoelectric Transducer** | Conversion of Energy | Located in the handpiece; converts electrical oscillations into mechanical vibration using ceramic disks. | | **Main Control PCB** | System Logic | Uses a Microcontroller (MCU) to manage frequency tracking and power output levels. | | **Power Transformer** | Voltage Regulation | Steps down AC mains voltage to a stable DC level (typically 24V DC for the circuit). | | **Automatic Frequency Tracking** | Synchronization | Ensures the circuit operates at the resonant frequency of the tip, regardless of load. | | **Solenoid Valve** | Fluid Control | An electronic valve that controls the flow of cooling water to the scaler tip. | | **Potentiometer/Touch Panel** | User Interface | Allows the clinician to adjust the power intensity (Scaling, Perio, or Endo modes). | --- ### Electronic Specifications Most UDS (Ultrasonic Dental Scaler) units under the "CF-R" or "Built-in" category share these common electrical parameters: * **Power Input:** 24V~ 50Hz/60Hz (for built-in units) or 110V-220V AC (for standalone). * **Output Power:** 3W to 20W. * **Vibration Frequency:** 28kHz ± 3kHz. * **Fuse Protection:** Usually T1.6AL 250V or similar to protect the PCB from surges. --- ### Operating Principle (The Electronic Flow) 1. **Rectification:** The power module stabilizes incoming current. 2. **Oscillation:** The MCU generates a high-frequency signal sent to the power transistors. 3. **Amplification:** The signal is boosted to drive the piezoelectric crystals in the handpiece. 4. **Feedback Loop:** The circuit monitors the "back-EMF" from the transducer. If the tip hits a hard surface (calculus), the electronics automatically adjust power to maintain vibration amplitude. ```mermaid graph LR A[Power Supply] --> B[MCU Control Board] B --> C[Frequency Oscillator] C --> D[Power Amplifier] D --> E[Piezo Handpiece] B --> F[Water Solenoid] ``` ---
    ✨ Follow-up Questions
    • ⤷ What is the difference between the 'Scaling' and 'Endo' electronic modes on this device?
    • ⤷ How does the automatic frequency tracking circuit prevent the handpiece from overheating?
    • ⤷ What are the common failure points in the UDS-CF-R control board?