UDS-C2-R
AI

The **UDS-C2-R** typically refers to a high-precision, ultrasonic double-sheet detection sensor, often manufactured by companies like **Pepperl+Fuchs**. This electronic device is designed to detect whether zero, one, or two layers of material (like paper or foil) are passing between its sensors.
### 1. Core Electronic Components
The system consists of an evaluation unit and two ultrasonic transducers (a transmitter and a receiver).
| Component | Function | Key Electronic Detail |
| :--- | :--- | :--- |
| **Ultrasonic Transmitter** | Converts electrical energy into high-frequency sound waves. | Piezoelectric crystal driven by an oscillator circuit. |
| **Ultrasonic Receiver** | Converts the physical sound pressure back into an electrical signal. | High-sensitivity piezoelectric element. |
| **Evaluation Unit (CPU)** | Processes the amplitude and phase of the received signal. | Contains a Microcontroller (MCU) and Analog-to-Digital Converters (ADC). |
| **Output Stage** | Communicates the status (0, 1, or 2 sheets) to a PLC. | Usually features PNP or NPN transistor outputs. |
---
### 2. Operational Logic
The electronic circuitry operates based on the **attenuation of sound**:
1. **Pulse Generation:** The controller sends an electrical pulse to the transmitter.
2. **Transmission:** The transmitter emits an ultrasonic signal (usually around 255 kHz - 400 kHz).
3. **Reception:**
* **Air (0 sheets):** High signal amplitude reaches the receiver.
* **Single Sheet:** Medium signal amplitude (some energy is reflected/absorbed).
* **Double Sheet:** Critically low signal amplitude (significant attenuation).
4. **Logic Switching:** The internal comparator triggers the corresponding output pin based on pre-set thresholds.
---
### 3. Technical Specifications (Typical)
The electronics are housed in a ruggedized casing to withstand industrial environments.
* **Operating Voltage:** 18 ... 30 V DC (Ripple 10% ss).
* **Current Consumption:** Approx. 80 mA.
* **Interface:**
* **Inputs:** Function input for alignment/learning.
* **Outputs:** 3 switching outputs (Short-circuit protected).
* **Connection Type:** M12 connector (usually 5-pin or 8-pin depending on the specific sub-model).
---
### 4. Wiring and Pinout (M12 Connector)
Electronic integration usually follows this standard logic:
| Pin | Wire Color | Assignment |
| :--- | :--- | :--- |
| 1 | Brown | +UB (Power Supply) |
| 2 | White | Output: Double sheet detected |
| 3 | Blue | -UB (Ground) |
| 4 | Black | Output: Single sheet (Normal) |
| 5 | Grey | Function Input (TEACH/Sync) |
- ⤷
How do you calibrate the UDS-C2-R for different paper weights?
- ⤷ What is the maximum sensing distance between the transmitter and receiver?
- ⤷ Does the UDS-C2-R support IO-Link communication?