Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

  • UDS-B2-R/E

  • AI
    The **UDS-B2-R/E** typically refers to a component or sub-assembly within a high-performance industrial motion control system, specifically associated with **Yaskawa** or similar high-end CNC/Robotics controllers. It is often an interface board or a remote I/O module. --- ### 1. General Specifications The electronic architecture of the UDS-B2-R/E is designed for high-speed signal processing and reliability in electrically noisy industrial environments. | Feature | Description | | :--- | :--- | | **Logic Voltage** | Usually +5V DC or +24V DC (Standard industrial logic) | | **Interface Protocol** | Mechatrolink (I or II) or proprietary bus communication | | **I/O Type** | Optically isolated digital inputs/outputs | | **Mounting Type** | Rack-mounted or DIN-rail integrated | | **Protection** | ESD protection and galvanic isolation | --- ### 2. Key Electronic Components The board is comprised of several critical electronic sections: #### A. Opto-Isolators (Photocouplers) To protect the main CPU from high-voltage spikes or ground loops, the UDS-B2-R/E uses opto-isolators. These convert electrical signals to light and back to electricity, ensuring no direct electrical connection between the field wiring and the logic board. #### B. Differential Line Drivers/Receivers For high-speed communication (such as encoder feedback or bus data), the board utilizes RS-422 or similar differential signaling. This minimizes electromagnetic interference (EMI) over long cable runs. #### C. FPGA/ASIC Logic Central to the board is often a field-programmable gate array (FPGA) or an Application Specific Integrated Circuit (ASIC). This chip handles: * Real-time signal synchronization. * Protocol decoding (e.g., Mechatrolink packets). * High-speed pulse counting. #### D. Power Regulation The board contains onboard DC-DC converters to step down input voltage (e.g., 24V) to the precise levels needed by the ICs (3.3V or 5V), including smoothing capacitors to filter ripples. --- ### 3. Connection and Pinout Logic Electronic parts on this board are categorized by their function in the signal chain: 1. **Communication Ports:** RJ45 or high-density D-sub connectors for the system bus. 2. **Status LEDs:** Surface-mount diodes (SMD) indicating Power, Alarm, and Run status. 3. **Termination Resistors:** Used to prevent signal reflection at the end of the communication line. ### 4. Application Context In an industrial setup, this board acts as the "nervous system" bridge between the **Main Controller** (the brain) and the **Servo Drives/Sensors** (the muscles/senses). ---
    ✨ Follow-up Questions
    • ⤷ What is the specific pinout diagram for the UDS-B2-R/E I/O connector?
    • ⤷ How do I troubleshoot a 'Communication Error' LED on this specific board?
    • ⤷ Is the UDS-B2-R/E compatible with Mechatrolink-III protocols?