U7SH32G-AF5-R
AI

### U7SH32G-AF5-R: Technical Overview
The **U7SH32G-AF5-R** is a specific integrated circuit produced by **UTC (Unisonic Technologies Co., Ltd)**. It belongs to the high-speed CMOS logic family, specifically functioning as a **2-input OR gate**.
---
### 1. Key Technical Specifications
| Parameter | Specification |
| :--- | :--- |
| **Logic Function** | 2-Input OR Gate |
| **Logic Family** | Advanced Ultra-High Speed (74SH / 74VHC equivalent) |
| **Operating Voltage ($V_{CC}$)** | 2.0V to 5.5V |
| **Output Current ($I_{OH}/I_{OL}$)** | ±8 mA (at 4.5V) |
| **Package Type** | SOT-25 / SOT-23-5 (AF5) |
| **Propagation Delay** | ~3.8ns (at 5V) |
| **Operating Temperature** | -40°C to +85°C |
---
### 2. Pin Configuration (SOT-25)
The device is housed in a small 5-pin package, designed for space-constrained applications.
| Pin Number | Symbol | Description |
| :--- | :--- | :--- |
| 1 | **B** | Data Input B |
| 2 | **A** | Data Input A |
| 3 | **GND** | Ground (0V) |
| 4 | **Y** | Data Output ($Y = A + B$) |
| 5 | **VCC** | Power Supply |
---
### 3. Functional Logic
The device follows the standard OR gate logic table. The output **Y** is HIGH if at least one input (**A** or **B**) is HIGH.
**Logic Equation:** $Y = A \lor B$
| Input A | Input B | Output Y |
| :---: | :---: | :---: |
| L | L | **L** |
| L | H | **H** |
| H | L | **H** |
| H | H | **H** |
---
### 4. Part Number Breakdown
Understanding the nomenclature helps in identifying the specific variant:
* **U7SH**: UTC's series for high-speed CMOS (compatible with 74AHC series).
* **32**: Function code for a 2-input OR Gate.
* **G**: Halogen-free and RoHS compliant.
* **AF5**: Package code for **SOT-25**.
* **R**: Tape and Reel packaging.
---
### 5. Typical Applications
* **Signal Combining:** Merging two control signals into one.
* **Mobile Devices:** Due to low power consumption and small footprint.
* **Level Shifting:** Can be used in systems with varying voltage nodes (up to 5.5V).
* **Digital Logic Buffering:** Providing drive strength to weak signals.
- ⤷
What are the equivalent alternative parts from other manufacturers like TI or Nexperia?
- ⤷ Can this chip be used for voltage level translation between 3.3V and 5V?
- ⤷ What is the maximum power dissipation allowed for the SOT-25 package?