Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

  • U7SH02-AF5-R

  • AI
    ### Electronic Overview: U7SH02-AF5-R The **U7SH02-AF5-R** is a high-speed CMOS 2-input NAND gate. It belongs to the "U7SH" family, which is typically a functional equivalent to the industry-standard 74AHC1G02 or similar single-gate logic devices. --- ### 1. Key Technical Specifications | Parameter | Specification | | :--- | :--- | | **Logic Function** | 2-Input NOR Gate | | **Logic Family** | High-Speed CMOS (AHC-series equivalent) | | **Supply Voltage ($V_{CC}$)** | 2.0V to 5.5V | | **Output Current ($I_{OH}/I_{OL}$)** | ±8 mA at 4.5V | | **Operating Temperature** | -40°C to +85°C | | **Package Type** | SOT-25 / SOT-23-5 (AF5 suffix) | --- ### 2. Pin Configuration (SOT-23-5) Typically, for a single 2-input NOR gate in this package, the pinout is as follows: 1. **Pin 1 (B):** Data Input 2. **Pin 2 (A):** Data Input 3. **Pin 3 (GND):** Ground 4. **Pin 4 (Y):** Data Output 5. **Pin 5 ($V_{CC}$):** Power Supply --- ### 3. Logic Operation The device performs the boolean function **$Y = \overline{A + B}$**. The output is only **HIGH** when both inputs are **LOW**. **Truth Table:** | Input A | Input B | Output Y | | :---: | :---: | :---: | | L | L | **H** | | L | H | **L** | | H | L | **L** | | H | H | **L** | --- ### 4. Features and Applications #### Features * **High Speed:** Low propagation delay (typically 3.6ns at 5V). * **Low Power Consumption:** CMOS technology ensures minimal quiescent current. * **Small Footprint:** The AF5 (SOT-25) package is ideal for space-constrained PCB designs. * **High Noise Immunity:** Characteristics inherent to CMOS logic. #### Applications * **Signal Gating:** Controlling the flow of digital signals. * **Logic Level Shifting:** Interfacing between different voltage domains (within $V_{CC}$ limits). * **Mobile Devices:** Used in smartphones and tablets due to small size and low power. * **Industrial Control:** General purpose logic processing. --- ### 5. Part Number Breakdown * **U7SH:** Part family (Single gate high-speed CMOS). * **02:** Logic Type (2-Input NOR Gate). * **AF5:** Package code for SOT-23-5 / SOT-25. * **R:** Tape and Reel packaging.
    ✨ Follow-up Questions
    • ⤷ What are the maximum propagation delay values for this chip at 3.3V?
    • ⤷ Can this device be used for level translation between 5V and 3.3V systems?
    • ⤷ What is the specific manufacturer for the U7SH prefix?