Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

  • U74LVC1G17G-AF5-R

  • AI
    The **U74LVC1G17G-AF5-R** is a high-performance, low-voltage CMOS device. Specifically, it is a **Single Schmitt-Trigger Buffer**. It is designed to transform slowly changing input signals into sharply defined, jitter-free output signals. --- ### 1. Key Technical Specifications | Parameter | Specification | | :--- | :--- | | **Function** | Single Schmitt-Trigger Buffer | | **Logic Family** | LVC (Low Voltage CMOS) | | **Operating Voltage ($V_{CC}$)** | 1.65V to 5.5V | | **Output Current ($I_{OH}/I_{OL}$)** | ±24 mA (at 3.3V) | | **Propagation Delay** | ~3.3 ns (at 3.3V) | | **Package Type** | SOT-25 (AF5) | | **Operating Temperature** | -40°C to +125°C | --- ### 2. Functional Description The "Schmitt-Trigger" nature of this component means it has different input threshold levels for positive-going and negative-going signals (Hysteresis). * **Noise Immunity:** It is excellent at filtering noise from input signals. * **Signal Conditioning:** It can convert a slow-moving or "noisy" analog-like edge into a clean digital square wave. * **Power Down Isolation:** The device supports $I_{OFF}$ circuitry, meaning it prevents damaging backflow current when the device is powered down ($V_{CC} = 0V$). --- ### 3. Pin Configuration (SOT-25) | Pin Number | Symbol | Description | | :--- | :--- | :--- | | 1 | N.C. | No Connection | | 2 | A | Data Input | | 3 | GND | Ground | | 4 | Y | Data Output | | 5 | $V_{CC}$ | Supply Voltage | --- ### 4. Part Number Breakdown The suffixing follows the standard UTC (Unisonic Technologies) naming convention: * **U74LVC1G**: Part Family (Low Voltage CMOS, 1 Gate). * **17**: Function (Schmitt-Trigger Buffer). * **G**: Halogen-Free / Green Material. * **AF5**: Package Code for SOT-25. * **R**: Tape and Reel packaging. --- ### 5. Common Applications * **Debouncing:** Cleaning up signals from mechanical switches. * **Level Shifting:** Can be used to interface different voltage logic levels (e.g., 1.8V to 3.3V). * **Pulse Shapers:** Restoring distorted signals in long transmission lines. * **Clock Distribution:** Providing a clean clock edge to sensitive microcontrollers.
    ✨ Follow-up Questions
    • ⤷ What is the difference between a standard buffer and a Schmitt-trigger buffer?
    • ⤷ Can the U74LVC1G17 handle 5V input when powered at 3.3V?
    • ⤷ What is the typical power consumption of this IC in standby mode?