Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

  • U2AA-R

  • AI
    The **U2AA-R** is a specific electronic component typically identified as a **Transient Voltage Suppressor (TVS) Diode**. It is designed to protect sensitive electronic circuits from high-voltage transients (surges) caused by electrostatic discharge (ESD) or inductive load switching. --- ### 1. Technical Specifications The "U2AA" marking code usually corresponds to a high-power TVS diode in the **SMB (DO-214AA)** package. Below are the typical characteristics for this part: | Parameter | Typical Value | | :--- | :--- | | **Component Type** | Transient Voltage Suppressor (TVS) | | **Polarity** | Unidirectional | | **Reverse Standoff Voltage ($V_{RWM}$)** | 50V - 55V (Varies by manufacturer) | | **Breakdown Voltage ($V_{BR}$)** | ~56.7V - 62.7V | | **Peak Pulse Power ($P_{PP}$)** | 600 Watts (at 10/1000μs waveform) | | **Package Style** | SMB / DO-214AA | | **Mounting Type** | Surface Mount (SMD) | --- ### 2. Internal Construction and Working The U2AA-R functions as a "clamping" device. Its behavior can be broken down into three stages: 1. **Normal Operation:** The diode remains in a high-impedance state, appearing invisible to the circuit. 2. **Surge Event:** When a voltage spike exceeds the breakdown voltage ($V_{BR}$), the diode enters "avalanche" mode, creating a low-resistance path to ground. 3. **Clamping:** It diverts the excess current away from the downstream components, limiting the voltage to a safe "clamping level." --- ### 3. Common Applications Because of its 600W power rating and SMB form factor, the U2AA-R is frequently found in: * **Power Supplies:** Protecting input rails from spikes. * **Telecommunications:** Guarding data lines against lightning induced surges. * **Industrial Controls:** Suppressing noise from electric motors and relays. * **Consumer Electronics:** Protecting USB ports and charging circuits. --- ### 4. Comparison: TVS vs. Standard Zener While a TVS diode looks like a Zener diode, there are critical differences: | Feature | Standard Zener Diode | TVS Diode (U2AA-R) | | :--- | :--- | :--- | | **Primary Goal** | Voltage Regulation | Circuit Protection | | **Response Time** | Slower | Picoseconds (Instantaneous) | | **Surge Capacity** | Low | Very High (600W+) | | **Durability** | Continuous Duty | Transient/Pulse Duty |
    ✨ Follow-up Questions
    • ⤷ What are the differences between the U2AA-R and the bidirectional version of this diode?
    • ⤷ How do I calculate the appropriate clamping voltage for my circuit using this part?
    • ⤷ Can a U2AA-R be replaced with a higher wattage TVS like an SMCJ series diode?