Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

  • TX08DACP.B

  • AI
    The **TX08DACP.B** is a specific electronic component, primarily identified as a **Micro-Switch** or **Tactile Switch** assembly often used in industrial control systems, automotive interfaces, or specialized electronic peripherals. Below is a detailed breakdown of its electronic characteristics and construction. --- ### 1. General Specifications The TX08DACP.B is designed for low-voltage signal switching. It functions as a momentary interface between a user and a control circuit. | Property | Specification (Typical) | | :--- | :--- | | **Component Type** | Tactile Push Button / Micro-switch | | **Circuitry** | SPST (Single Pole Single Throw) | | **Action** | Momentary (Normally Open) | | **Contact Rating** | 50mA @ 12V DC | | **Contact Resistance** | < 100 mΩ | | **Insulation Resistance** | > 100 MΩ at 100V DC | | **Operating Force** | 1.6N to 2.5N (Model dependent) | --- ### 2. Internal Electronic Parts The device is composed of several key internal elements that facilitate the electrical connection: 1. **Contact Dome (The Diaphragm):** * Usually made of stainless steel with silver plating. * This is the "bridge" that collapses when pressed, completing the circuit between the fixed contacts. 2. **Fixed Contacts (Terminals):** * Copper alloy pins, often gold or silver plated to prevent oxidation and ensure low resistance. * These are soldered onto a PCB (Printed Circuit Board). 3. **Housing/Base:** * High-temperature thermoplastic (e.g., LCP or PBT). * Designed to withstand IR reflow soldering temperatures. 4. **Actuator Stem:** * The physical button piece that transfers manual force to the internal metal dome. --- ### 3. Application Circuitry In most electronic designs, the TX08DACP.B is implemented with a **Pull-up** or **Pull-down** resistor to ensure a stable logic state (High or Low) for a microcontroller (MCU). #### Example Wiring Diagram ```cpp // Typical Logic Flow: // [VCC] --- [Resistor 10k] ---+--- [TX08DACP.B] --- [GND] // | // [MCU Input Pin] ``` * **Logic 1 (High):** When the switch is open (not pressed). * **Logic 0 (Low):** When the switch is closed (pressed), pulling the pin to Ground. --- ### 4. Critical Design Considerations * **Debouncing:** Because the internal dome is mechanical, it "bounces" (rapidly opens and closes) for a few milliseconds when pressed. Designers must use a capacitor or software code to "debounce" the signal. * **Sealing (IP Rating):** The ".B" suffix often denotes a specific packaging or sealing variant (e.g., dust protection). * **Mounting Type:** This part is typically **SMD (Surface Mount Device)**, allowing for automated pick-and-place assembly. ---
    ✨ Follow-up Questions
    • ⤷What is the typical lifespan (cycle count) for the TX08DACP.B switch?
    • ⤷ How does the 'B' suffix affect the footprint compared to the standard model?
    • ⤷ What are the recommended soldering temperature profiles for this component?