TSOP334..
AI

## Overview of the TSOP334 Series
The **TSOP334** series is a family of miniaturized receiver modules designed for infrared (IR) remote control systems. It integrates a PIN diode, a preamplifier, and an internal filter for PCM frequency into a single package.
### 1. Key Technical Specifications
The following table summarizes the primary electrical and physical characteristics of the TSOP334 series:
| Parameter | Specification |
| :--- | :--- |
| **Supply Voltage (Vs)** | 2.5 V to 5.5 V |
| **Supply Current (Is)** | 0.35 mA (typical) |
| **Transmission Distance** | Up to 45 meters |
| **Carrier Frequency** | 30 kHz to 56 kHz (model dependent) |
| **Output Type** | Active Low (Digital) |
| **Operating Temperature** | -25 °C to +85 °C |
---
### 2. Internal Block Diagram Functions
The device is more than just a light sensor; it is a complete signal-processing unit. The internal components include:
1. **PIN Photodiode:** Converts the incoming IR light into an electrical signal.
2. **Band Pass Filter:** Blocks unwanted noise and frequencies, allowing only the specific carrier frequency (e.g., 38 kHz) to pass.
3. **Automatic Gain Control (AGC):** Adjusts sensitivity to suppress ambient light noise (like sunlight or fluorescent lamps).
4. **Demodulator:** Removes the carrier frequency and outputs the raw data pulses.
---
### 3. Pin Configuration
The TSOP334 usually comes in a 3-pin lead frame package. While you should always check the specific datasheet for your variant, the standard layout is:
* **Pin 1 (OUT):** The data output. It is held high (logic 1) when no IR signal is detected and pulls low (logic 0) when a signal is present.
* **Pin 2 (GND):** Ground connection.
* **Pin 3 (Vs):** Positive supply voltage.
---
### 4. Application Circuit Example
To use the TSOP334 in a circuit, a basic RC filter is recommended to stabilize the supply voltage and prevent noise from affecting the sensitive internal amplifier.
```cpp
// Typical Hardware Connection Logic:
// [Vs] ----[ 100 Ohm Resistor ]----+--- [ TSOP Pin 3 ]
// |
// [ 4.7uF Capacitor ]
// |
// [GND] ---------------------------+--- [ TSOP Pin 2 ]
//
// [MCU Input] <------------------------ [ TSOP Pin 1 ]
```
---
### 5. Part Numbering Logic
The last two digits of the TSOP334**XX** series indicate the carrier frequency:
* **TSOP33436:** 36 kHz
* **TSOP33438:** 38 kHz (Most common for TV remotes)
* **TSOP33440:** 40 kHz
* **TSOP33456:** 56 kHz
- ⤷
What is the difference between the TSOP334 and the TSOP4838?
- ⤷ How do I filter out noise from fluorescent lights when using this sensor?
- ⤷ Can the TSOP334 be used for continuous data transmission or only burst data?