TS3704CD
AI

## Overview of the TS3704CD
The **TS3704CD** is a high-performance, **micropower quad CMOS voltage comparator**. It is designed to provide high-speed response times while maintaining extremely low power consumption. Because it is a "Quad" comparator, a single chip contains four independent voltage comparator units.
---
### Key Technical Specifications
| Feature | Specification |
| :--- | :--- |
| **Comparator Type** | CMOS Quad (4 channels) |
| **Supply Voltage Range** | 2.7V to 16V |
| **Current Consumption** | ~10µA per comparator (typical) |
| **Response Time** | 600ns (typical) |
| **Output Type** | Push-Pull |
| **Input Impedance** | $10^{12} \Omega$ (Extremely High) |
| **Package Type** | SO-14 (Small Outline Package) |
---
### Core Electronic Characteristics
#### 1. Push-Pull Output Stage
Unlike many standard comparators (like the LM339) which have open-collector outputs requiring a pull-up resistor, the TS3704CD features a **Push-Pull output**.
* **Benefit:** It can drive logic gates or small loads directly to either the positive rail or ground without external components.
#### 2. Ultra-Low Power Consumption
This part is specifically engineered for battery-powered applications. With a total current draw of roughly **40µA for all four comparators**, it significantly extends the battery life of portable devices.
#### 3. CMOS Technology
Because it uses CMOS transistors rather than bipolar transistors:
* The **Input Bias Current** is virtually zero (pico-ampere range).
* The input voltage can go down to the negative rail (0V), making it ideal for single-supply systems.
---
### Pin Configuration (SO-14 Package)
| Pin Number | Function | Description |
| :--- | :--- | :--- |
| 1, 2, 13, 14 | **Outputs (1-4)** | CMOS Push-Pull output pins |
| 3 | **Vcc+** | Positive supply voltage |
| 12 | **GND / Vcc-** | Ground or negative supply |
| 4-11 | **Inputs (+/-)** | Non-inverting and Inverting inputs for each of the 4 units |
---
### Common Applications
* **Battery Monitoring:** Detecting low battery thresholds in mobile electronics.
* **Threshold Detectors:** Converting analog sensor signals into digital high/low signals.
* **Oscillators:** Creating square wave generators with minimal power overhead.
* **Signal Conditioning:** Interfacing high-impedance sensors with microcontrollers.
---
- ⤷
What is the main difference between the TS3704CD and the standard LM339 comparator?
- ⤷ Can the TS3704CD operate on a single 3.3V power supply?
- ⤷ What are the advantages of a Push-Pull output versus an Open-Drain output in this chip?