Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

  • TP07AC

  • AI
    The **TP07AC** typically refers to a specific series of **AC/DC Power Supply Modules** or specialized thermal protectors, most commonly associated with industrial switching power supplies (SMPS) or compact encapsulated power converters. Below is an overview of the electronic components and technical architecture typical of this series. --- ### 1. Technical Specifications Overview These parts are designed to convert high-voltage alternating current (AC) into stabilized low-voltage direct current (DC). | Feature | Typical Specification | | :--- | :--- | | **Input Voltage** | 85V - 264V AC (Universal Range) | | **Output Voltage** | 5V, 12V, or 24V DC (Model dependent) | | **Power Rating** | 7 Watts | | **Cooling** | Natural Convection | | **Isolation** | 3000V AC (Input to Output) | | **Efficiency** | 75% - 82% | --- ### 2. Key Internal Electronic Components The TP07AC module is a "black box" encapsulated component, but it contains several critical stages: #### A. Input Protection & Filtering * **Fuse:** Protects the circuit against over-current. * **Varistor (MOV):** Protects against high-voltage surges from the AC line. * **EMI Filter:** Uses inductors and capacitors (X/Y caps) to prevent electromagnetic interference from leaking back into the grid. #### B. Rectification & High Voltage DC * **Bridge Rectifier:** Converts AC to pulsating DC. * **Electrolytic Capacitor:** Smooths the pulsating DC into a high-voltage stable DC bus (approx. 310V-400V). #### C. Switching Stage (The "Heart") * **PWM Controller IC:** Regulates the output by rapidly switching the current on and off. * **Power MOSFET:** The switching element that drives the high-frequency transformer. #### D. Isolation & Transformation * **High-Frequency Transformer:** Provides galvanic isolation between the dangerous mains voltage and the safe low-voltage output. #### E. Output Rectification & Feedback * **Schottky Diode:** Rectifies the high-frequency AC from the transformer back to DC. * **Optocoupler:** An infrared LED/Phototransistor pair that sends voltage feedback to the PWM controller without physical electrical contact, ensuring safety. --- ### 3. Application Use Cases Due to its small footprint and encapsulated design, the TP07AC is used in: 1. **IoT Gateways:** Powering small sensors and Wi-Fi modules. 2. **Industrial Automation:** Powering PLC logic or small relays. 3. **Smart Home Devices:** Integrated into wall switches or smart thermostats. 4. **Telecom:** Small-scale networking hardware. --- ### 4. Safety and Protections * **Short Circuit Protection (SCP):** The unit enters "Hiccup Mode" if a short occurs. * **Over Voltage Protection (OVP):** Clamps the output if the regulation circuit fails. * **Over Current Protection (OCP):** Limits the output current to prevent overheating.
    ✨ Follow-up Questions
    • What is the pinout configuration for the TP07AC module?
    • Can the TP07AC be used with a 240V European power grid?
    • What are the dimensions and mounting style for this part?