TMPC0312H-R36MG
AI

The **TMPC0312H-R36MG** is a high-performance, surface-mount (SMD) power inductor commonly used in DC-DC converters, mobile devices, and high-current power supplies. It belongs to a class of "molded" inductors designed for high efficiency and low electromagnetic interference (EMI).
---
## 1. Technical Specifications
| Parameter | Value / Specification |
| :--- | :--- |
| **Inductance** | 0.36 µH |
| **Tolerance** | ±20% (indicated by 'M') |
| **Case Size** | 0312 (approx. 3.2 x 3.0 x 1.2 mm) |
| **DC Resistance (DCR)** | Typ: 9.5 mΩ / Max: 11.4 mΩ |
| **Saturation Current (Isat)** | ~11.0 A (drops inductance by 30%) |
| **Heating Current (Irms)** | ~7.5 A (causes 40°C temp rise) |
| **Operating Temperature** | -40°C to +125°C |
---
## 2. Key Features & Construction
### A. Metal Alloy Core
Unlike traditional ferrite inductors, the TMPC series uses a **metallic powder core**.
- **Soft Saturation:** The inductance decreases gradually as current increases, rather than dropping off sharply (hard saturation).
- **High Power Density:** Allows for high current handling in a very small physical footprint.
### B. Shielded Design
The part is magnetically shielded. The coil is molded directly into the metal powder body, which minimizes leakage flux and reduces EMI, making it ideal for noise-sensitive circuits.
### C. Low DCR
The low direct-current resistance (DCR) minimizes power loss due to heat, significantly improving the overall efficiency of the power stage.
---
## 3. Part Number Breakdown
Understanding the nomenclature helps in selecting alternatives or identifying characteristics:
| Code Segment | Meaning |
| :--- | :--- |
| **TMPC** | Series name (Molded Power Inductor) |
| **0312** | Dimensions (3.2mm length x 3.0mm width x 1.2mm height) |
| **H** | High current / High performance grade |
| **R36** | Inductance value (R36 = 0.36 µH) |
| **M** | Tolerance (M = ±20%) |
| **G** | Green/RoHS Compliant |
---
## 4. Common Applications
* **DC-DC Converters:** Point-of-load (POL) modules for CPUs and GPUs.
* **Mobile Electronics:** Smartphones and tablets where height (1.2mm) is restricted.
* **Laptops:** Power rails for SSDs or DDR memory.
* **Automotive/Industrial:** Compact sensors and communication modules.
- ⤷
How does the saturation current of this inductor compare to a standard ferrite core inductor?
- ⤷ What are the recommended soldering profile requirements for the 0312 package size?
- ⤷ Can you suggest a direct equivalent from another manufacturer like Vishay or Coilcraft?