Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

  • TLV2211CDBVT

  • AI
    ## Technical Overview of TLV2211CDBVT The **TLV2211CDBVT** is a high-performance, low-voltage operational amplifier (Op-Amp) manufactured by Texas Instruments. It belongs to the **Advanced LinCMOS™** family and is specifically designed for battery-powered and portable applications due to its rail-to-rail output capabilities and low power consumption. --- ### 1. Key Technical Specifications | Parameter | Specification | | :--- | :--- | | **Op-Amp Type** | Low Voltage, CMOS | | **Number of Channels** | 1 (Single) | | **Supply Voltage (Min/Max)** | 2.7 V to 10 V (or ±1.35V to ±5V) | | **Supply Current (Typical)** | 35 µA | | **Gain Bandwidth Product (GBW)** | 65 kHz | | **Slew Rate** | 0.025 V/µs | | **Input Offset Voltage** | 450 µV (Typical) | | **Rail-to-Rail** | Output only | | **Package / Case** | SOT-23-5 | --- ### 2. Physical Layout and Pin Configuration The TLV2211CDBVT uses a small-footprint SOT-23 package, making it ideal for space-constrained PCB designs. | Pin Number | Symbol | Function | | :--- | :--- | :--- | | 1 | **OUT** | Output of the amplifier | | 2 | **VCC-** | Negative power supply or Ground | | 3 | **IN+** | Non-inverting input | | 4 | **IN-** | Inverting input | | 5 | **VCC+** | Positive power supply | --- ### 3. Core Features and Benefits * **Rail-to-Rail Output:** The output voltage can swing almost to the full range of the supply rails, which maximizes the dynamic range in low-voltage systems. * **Micropower Operation:** With a typical supply current of only 35 µA, it significantly extends battery life in mobile devices. * **Low Input Bias Current:** Utilizing CMOS technology, the input bias current is extremely low (typically 1 pA), which is excellent for high-impedance sensor interfacing. * **Fully Specified at 3V and 5V:** The device is tested and characterized for standard low-voltage logic levels. --- ### 4. Typical Applications * **Portable Medical Instruments:** Glucose meters, heart rate monitors. * **Sensor Signal Conditioning:** Amplifying small signals from PIR sensors or thermistors. * **Battery Management:** Monitoring voltage levels in Li-Ion or NiMH battery packs. * **Active Filters:** Low-frequency filtering in audio or instrumentation circuits. --- ### 5. Implementation Example (Basic Non-Inverting Buffer) ```python # Conceptual Calculation for Gain # Vout = Vin * (1 + (Rf / Rg)) R_feedback = 10000 # 10k Ohms R_ground = 10000 # 10k Ohms gain = 1 + (R_feedback / R_ground) print(f"The calculated voltage gain is: {gain}") # Output: The calculated voltage gain is: 2.0 ```
    ✨ Follow-up Questions
    • ⤷ What are the main differences between the TLV2211 and the TLV2221?
    • ⤷ How does the input offset voltage change over temperature for this component?
    • ⤷ Can this Op-Amp be used for high-speed signal processing?