Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

  • TLE4951

  • AI
    The **TLE4951** is a high-performance differential Hall effect sensor developed by Infineon Technologies. It is specifically designed for measuring speed and position in automotive and industrial applications, particularly for sensing transmission gears and crankshafts. --- ## 1. Key Technical Specifications | Feature | Specification | | :--- | :--- | | **Technology** | Differential Hall Effect | | **Supply Voltage ($V_{DD}$)** | 4.5V to 20V | | **Output Type** | Two-wire PWM current interface | | **Package** | PG-SSO-2-2 (Leadless/Through-hole) | | **Operating Temp** | -40°C to +170°C | | **Magnetic Sensitivity** | High ($<2mT$ typical) | --- ## 2. Core Functional Components The TLE4951 is an integrated circuit (IC) that combines several electronic stages to process magnetic signals into digital data: ### A. Magnetic Sensing Elements The device utilizes **two Hall plates** integrated onto a single silicon chip. By measuring the difference in magnetic field strength between these two points (Differential Sensing), the sensor can ignore common-mode disturbances like external electromagnetic interference (EMI) or vibrations. ### B. Signal Conditioning * **A/D Converter:** Converts the analog Hall voltage into a digital signal. * **Automatic Gain Control (AGC):** Automatically adjusts the internal amplification to compensate for variations in the air gap (the distance between the sensor and the gear). * **Offset Compensation:** Cancels out internal electrical offsets to ensure high accuracy. ### C. The PWM Output Interface Unlike standard sensors that output a simple high/low voltage, the TLE4951 uses a **Current Modulated PWM interface**. * **Low Current:** ~7mA (Logic Low) * **High Current:** ~14mA (Logic High) * **Benefit:** Two-wire interfaces reduce wiring costs and are highly resistant to electrical noise. --- ## 3. Application Circuit Example The TLE4951 is typically connected in a "high-side" or "low-side" configuration with a sense resistor ($R_{sense}$) to convert current pulses into voltage pulses for a Microcontroller (MCU). ```cpp // Logic flow for processing TLE4951 pulses if (Current > 10mA) { status = PULSE_HIGH; // Calculate RPM based on time between pulses } else { status = PULSE_LOW; } ``` --- ## 4. Key Advantages 1. **Vibration Suppression:** Advanced algorithms prevent false pulses caused by engine vibrations during standstill. 2. **Adaptive Thresholds:** The sensor "learns" the magnetic profile of the target wheel, allowing it to function even if the target is slightly wobbling. 3. **High Temperature Stability:** Designed to survive the harsh environment inside a vehicle's transmission or engine block.
    ✨ Follow-up Questions
    • How does the TLE4951 compare to the TLE4953 model?
    • What are the specific requirements for the target wheel or gear used with this sensor?
    • Can you explain the wiring diagram for a 2-wire current interface?