Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

  • TCS-20-R

  • AI
    The **TCS-20-R** is a specific model of a **Digital Counting Scale**, widely used in industrial and commercial settings for weighing items and calculating the quantity of pieces based on a sample weight. Below is a breakdown of the electronic components and technical specifications that make up this device. --- ## 1. Core Electronic Components The functionality of the TCS-20-R relies on several key electronic modules working in sync: | Component | Function | Description | | :--- | :--- | :--- | | **Load Cell** | Sensor | A high-precision strain gauge sensor that converts physical pressure into an electrical signal (mV). | | **A/D Converter** | Signal Processing | The Analog-to-Digital converter translates the small voltage changes from the load cell into digital data for the CPU. | | **Microcontroller (MCU)** | Brain | Processes the digital weight data, handles unit conversions (kg/lb), and manages the counting logic. | | **LCD/LED Display** | Output | Usually a three-window display showing: Total Weight, Unit Weight, and Total Pieces. | | **Keypad** | User Input | A membrane or tactile switch panel used for TARE, ZERO, and entering sample quantities. | | **Lead-Acid Battery** | Power Storage | A rechargeable 4V or 6V battery allowing for portable use without a constant AC connection. | --- ## 2. Technical Specifications Most versions of the TCS-20-R follow these standard electronic parameters: * **Capacity:** 20 kg (Max) * **Readability (Division):** 1g or 2g (depending on the calibration settings). * **Power Source:** AC 110V/220V (Universal) and built-in DC Rechargeable battery. * **Communication Port:** Often includes an optional RS232 port for connecting to a PC or printer. * **Excitation Voltage:** Typically 5V DC supplied to the load cell. --- ## 3. Circuit Features and Logic ### Counting Logic The electronic circuit uses the formula: `Total Quantity = Total Weight / Average Unit Weight (AUW)`. The "R" in the model name often refers to a specific series or a "Rear" display feature (allowing customers to see the weight), depending on the manufacturer. ### Power Management The motherboard includes a charging circuit with: 1. **Transformer/Switching Power Supply:** Steps down AC voltage. 2. **Voltage Regulator:** Ensures stable DC power to the sensitive sensors to prevent "drifting" (fluctuating numbers). 3. **Low Battery Indicator:** An electronic trigger that flashes a warning on the display when the voltage drops below a certain threshold. --- ## 4. Maintenance & Troubleshooting | Issue | Likely Electronic Cause | Solution | | :--- | :--- | :--- | | **Erratic Readings** | Damaged Load Cell or Moisture in Circuit | Dry the board or check load cell wiring. | | **Won't Power On** | Blown Fuse or Dead Battery | Replace fuse or check AC adapter output. | | **Inaccurate Counting** | A/D Converter Noise | Recalibrate using standard weights. |
    ✨ Follow-up Questions
    • ⤷How do I calibrate a TCS-20-R scale?
    • ⤷ What are the common pinout configurations for the RS232 port on this scale?
    • ⤷ Can I replace the 4V battery with a 6V battery in the TCS series?