Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

  • TCK-059

  • AI
    The **TCK-059** typically refers to a specific series of high-precision **SMD (Surface Mount Device) Power Inductors**, often manufactured by companies like *Traco Power* or specialized inductor suppliers. These components are designed for high-efficiency DC/DC conversion and power management. --- ### 1. Key Technical Specifications The TCK-059 series is characterized by its compact footprint and high current-handling capabilities. Below are the generalized specifications for this component type: | Parameter | Typical Value / Range | | :--- | :--- | | **Inductance** | 0.47 µH to 10 µH (varies by sub-model) | | **Current Rating (I-sat)** | Up to 12.0 Amps | | **DC Resistance (DCR)** | Very Low (mΩ range) | | **Operating Temperature** | -40°C to +125°C | | **Core Material** | Ferrite / Shielded Construction | --- ### 2. Core Electronic Functions The TCK-059 functions primarily as an energy storage element in power circuits. Its specific electronic roles include: * **Energy Storage:** In switching regulators, it stores energy in a magnetic field during the "ON" cycle and releases it during the "OFF" cycle to maintain a steady output voltage. * **Filtering:** It acts as a low-pass filter to smooth out current ripples and suppress high-frequency electromagnetic interference (EMI). * **Magnetic Shielding:** The part is usually "shielded," meaning it has a closed magnetic path to prevent magnetic flux from interfering with adjacent sensitive components on the PCB. --- ### 3. Typical Application Circuits These parts are commonly found in the following electronic environments: #### DC/DC Converter Integration ```cpp // Typical Schematic Placement [Input Voltage] --> [Switching Controller] --> [TCK-059 Inductor] --> [Output Capacitor] --> [Load] ``` * **Point-of-Load (POL) Converters:** Used in CPU/GPU power phases. * **Battery Powered Devices:** High efficiency ensures longer battery life due to low DCR (internal resistance). * **Industrial Automation:** Used in rugged power supplies where thermal stability is critical. --- ### 4. Physical Characteristics * **Package Type:** SMD/SMT (Surface Mount Technology). * **Termination:** Lead-free (RoHS compliant) tin-plated terminals. * **Solderability:** Optimized for reflow soldering profiles.
    ✨ Follow-up Questions
    • ⤷ What are the specific inductance values available for the TCK-059 series?
    • ⤷ How does the saturation current of the TCK-059 compare to other inductors in its class?
    • ⤷ Can the TCK-059 be used in automotive-grade electronic applications?