Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

  • SWI0805F-R11J

  • AI
    ## Technical Overview: SWI0805F-R11J The **SWI0805F-R11J** is a high-frequency, wire-wound surface mount (SMD) inductor. It is commonly used in RF (Radio Frequency) circuits due to its high quality factor (Q) and stability at high frequencies. --- ### 1. Part Number Breakdown Understanding the nomenclature helps identify the physical and electrical characteristics: | Code Segment | Meaning | Specification | |:---|:---|:---| | **SWI** | Series Name | Standard Wire-wound Inductor | | **0805** | Case Size | 0805 Imperial (2.0 x 1.25 mm) | | **F** | Material/Feature | Ferrite or Ceramic Core (Typically Ceramic for RF) | | **R11** | Inductance Value | 0.11 µH (110 nH) | | **J** | Tolerance | ±5% | --- ### 2. Key Specifications While specific values can vary slightly by manufacturer (such as ABC Taiwan or Viking), the standard parameters for an R11J 0805 inductor are generally: * **Inductance:** 110 nH (nanhenries) * **Tolerance:** ±5% * **Case Size:** 2012 Metric / 0805 Imperial * **DC Resistance (DCR):** Typically low (approx. 0.40 - 0.70 Ω) to minimize power loss. * **Rated Current:** Usually ranges between 300mA to 600mA depending on the specific sub-series. * **Self-Resonant Frequency (SRF):** High (often > 1000 MHz), making it suitable for GHz-range applications. * **Quality Factor (Q):** High Q, providing low signal loss in resonant circuits. --- ### 3. Construction and Materials The "Wire-wound" nature of this component is its defining feature: * **Core:** Usually a ceramic core which provides excellent thermal stability and a high SRF. * **Winding:** Copper wire is wound around the core. This construction offers much lower DCR and higher current handling compared to multilayer chip inductors. * **Termination:** Encapsulated with epoxy or a specialized coating for protection, with tin-plated terminals for soldering. --- ### 4. Common Applications Due to its 110nH value and 0805 form factor, it is frequently found in: * **RF Matching Networks:** Impedance matching for antennas in Wi-Fi or Bluetooth modules. * **Filters:** Used in Low Pass or Band Pass filters to block high-frequency noise. * **Oscillators:** Serving as a frequency-determining element in LC circuits. * **Mobile Communication:** Signal processing in cellular handsets and base stations. ---
    ✨ Follow-up Questions
    • ⤷ What are the main differences between wire-wound and multilayer inductors in RF design?
    • ⤷ How does the 'Q factor' impact the performance of the SWI0805F-R11J?
    • ⤷ Can you provide the footprint dimensions for an 0805 SMD component?