Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

  • SWF1608LF-R15K

  • AI
    ## Technical Overview: SWF1608LF-R15K The **SWF1608LF-R15K** is a high-frequency, surface-mount (SMD) wire-wound chip inductor. It is primarily used in telecommunications, high-frequency modules, and signal processing circuits. --- ### 1. Part Number Breakdown Understanding the nomenclature helps identify the physical and electrical characteristics of the component: | Segment | Meaning | Detail | | :--- | :--- | :--- | | **SWF** | Series Code | Wire-wound Ferrite/Ceramic chip inductor series. | | **1608** | Case Size | Metric 1608 (EIA 0603): 1.6mm x 0.8mm. | | **LF** | Compliance | Lead-Free / RoHS Compliant. | | **R15** | Inductance Value | R denotes decimal. 0.15 µH (or 150 nH). | | **K** | Tolerance | ±10% variation from nominal inductance. | --- ### 2. Key Technical Specifications While specific values can vary slightly by manufacturer (such as Samwha or similar), the standard specifications for this part number are: | Parameter | Typical Value | | :--- | :--- | | **Inductance** | 0.15 µH (150 nH) | | **Tolerance** | ±10% | | **DC Resistance (DCR)** | Low (typically < 0.50 Ω) | | **Rated Current** | Approx. 300mA - 500mA (load dependent) | | **Self-Resonant Frequency** | High (typically > 500 MHz) | | **Operating Temperature** | -40°C to +125°C | --- ### 3. Construction and Material * **Wire-Wound Structure:** Unlike multilayer inductors, wire-wound types involve a copper wire wrapped around a ceramic or ferrite core. This results in a higher **Q-factor** (quality factor) and lower DC resistance. * **Encapsulation:** Usually coated with a protective resin to ensure mechanical stability and protection against environmental factors. --- ### 4. Common Applications Due to its small 0603 footprint and 150nH inductance, this part is commonly found in: * **RF Circuits:** Matching networks and filters for Bluetooth, Wi-Fi, and GPS modules. * **Filtering:** Decoupling and noise suppression in high-speed data lines. * **Power Management:** Small DC-DC converters where space is at a premium. --- ### 5. Footprint (EIA 0603) The physical dimensions are standardized to ensure compatibility with automated pick-and-place machinery: ```text Length (L): 1.6mm ± 0.15mm Width (W): 0.8mm ± 0.15mm Thickness: 0.8mm ± 0.15mm ```
    ✨ Follow-up Questions
    • ⤷ What are the main differences between wire-wound and multilayer inductors in RF circuits?
    • ⤷ Can this inductor be used in high-power power supply stages?
    • ⤷ Which manufacturers are the primary suppliers for the SWF1608 series?