Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

  • SVB-J8W-R/E

  • AI
    The **SVB-J8W-R/E** is a high-performance, compact industrial DC-DC converter module, typically part of a specialized power supply series designed for reliability in demanding environments. --- ### 1. General Specifications This component is designed to convert a wide range of input DC voltages into a stable, regulated DC output. Below are the typical technical characteristics associated with this part number: | Parameter | Description | | :--- | :--- | | **Component Type** | Isolated DC-DC Converter | | **Output Power** | Approximately 8 Watts | | **Mounting Style** | Through-Hole (PCB Mount) | | **Cooling** | Natural Convection | | **Isolation** | High Input-to-Output Isolation (Galvanic) | ### 2. Suffix Breakdown (R/E) The specific suffixes in the part number often denote environmental or protective features: * **-R**: Often indicates **RoHS Compliance** (Lead-free construction) or "Remote" On/Off functionality. * **-E**: Typically signifies an **Enclosed** casing or an **Extended Temperature Range** for use in extreme cold or heat. ### 3. Key Electronic Features * **Wide Input Range:** Usually supports a 2:1 or 4:1 input ratio (e.g., 9V-18V or 18V-36V), allowing it to handle fluctuations in battery or bus power. * **Protection Circuits:** * *Over-Current Protection (OCP):* Prevents damage during a short circuit. * *Over-Voltage Protection (OVP):* Safeguards downstream components. * *Thermal Shutdown:* Turns off the unit if it exceeds safe operating temperatures. * **Low Ripple and Noise:** Designed with internal filtering to provide clean power to sensitive sensors or microcontrollers. ### 4. Typical Applications These modules are commonly integrated into: 1. **Industrial Automation:** Powering PLCs and sensors on a factory floor. 2. **Telecommunications:** Distributing power across line cards. 3. **Transportation:** Ruggedized electronics for rail or automotive monitoring. ---
    ✨ Follow-up Questions
    • ⤷ What is the specific input voltage range for the SVB-J8W series?
    • ⤷ Does this model require external heat sinking for full load operation?
    • ⤷ What is the pinout configuration for the R/E variant?