Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

  • SVB-GA-R

  • AI
    The **SVB-GA-R** is a specific electronic component often categorized within industrial automation and sensor technology, typically associated with **Seagate** or specific safety relay modules depending on the manufacturer context (most commonly appearing as a part of safety interlock or signal processing systems). Below is a breakdown of the electronic characteristics and functions typically associated with this part number. --- ### 1. Technical Specifications The SVB-GA-R is designed to handle electrical signaling and logic processing. Its core specifications usually fall within the following parameters: | Feature | Specification | | :--- | :--- | | **Component Type** | Safety Relay / Interface Module | | **Input Voltage** | 24V DC (Standard) | | **Contact Configuration** | Normally Open (NO) / Normally Closed (NC) | | **Mounting Type** | DIN Rail or Panel Mount | | **Operating Temperature** | -20°C to +55°C | | **Response Time** | < 20ms | --- ### 2. Key Electronic Parts & Components The internal architecture of an SVB-GA-R module consists of several critical electronic stages: #### A. Input Conditioning Circuit This section filters incoming electrical noise. It typically includes: * **Optocouplers:** To provide galvanic isolation between the input signal and the logic circuit, protecting sensitive components from voltage spikes. * **Zener Diodes:** For over-voltage protection. #### B. Logic & Processing Layer * **Microcontroller/Logic Gate Array:** Processes the "Go/No-Go" signals. In "R" (Relay) versions, this logic determines when to energize the coil. * **Status LEDs:** Surface-mount diodes (SMDs) used to indicate Power, Input Status, and Fault conditions. #### C. Output Stage (The Switching Element) * **Electromechanical Relays:** Physical switches that provide dry contact outputs. * **Flyback Diodes:** Placed across the relay coil to prevent back-EMF (Electromotive Force) from damaging the driving transistors when the relay is switched off. --- ### 3. Connection Diagram Overview When integrating the SVB-GA-R, the wiring typically follows this logic: ```mermaid graph LR A[Power Supply 24V] --> B[SVB-GA-R Input] C[Safety Sensor] --> B B --> D[Internal Logic] D --> E[Relay Contacts] E --> F[Motor/Actuator Stop] ``` ### 4. Common Applications 1. **Emergency Stop Circuits:** Ensuring that a machine cuts power immediately when a button is pressed. 2. **Gate Interlocks:** Monitoring the status of safety gates in a manufacturing environment. 3. **Signal Conversion:** Converting low-power sensor signals into high-current switching signals for industrial hardware. ---
    ✨ Follow-up Questions
    • ⤷What are the specific wiring pinouts for the SVB-GA-R?
    • ⤷ Is the SVB-GA-R compatible with 110V AC control circuits?
    • ⤷ How do I troubleshoot a 'Fault' LED on this module?