Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

  • SVB-6G-R

  • AI
    The **SVB-6G-R** is a specialized high-frequency microwave component, typically classified as a **Broadband Bias Tee** or a **DC Block/Bias component** designed for high-speed fiber optic communication and RF applications. ### 1. Core Technical Specifications The "6G" in the part number usually refers to its operational frequency range (up to 6 GHz), making it ideal for Sub-6 GHz 5G applications and high-speed data transmission. | Parameter | Typical Value / Range | | :--- | :--- | | **Frequency Range** | 10 MHz to 6 GHz | | **Insertion Loss** | < 0.5 dB (Typical) | | **Impedance** | 50 Ohms | | **Maximum DC Voltage** | 16V - 25V (Application dependent) | | **Connector Type** | Often SMA or Surface Mount (SMD) | | **Operating Temperature** | -40°C to +85°C | --- ### 2. Internal Electronic Structure The device functions as a **diplexer**, separating or combining DC and RF signals. Its internal circuitry consists of three main nodes: 1. **RF Port:** Blocks DC current using a high-quality capacitor while allowing high-frequency AC signals to pass. 2. **DC Port:** Uses an inductor (choke) to block RF signals from entering the power supply while allowing DC current to pass. 3. **RF + DC Port (Common):** The point where the DC bias is injected into the RF signal path. --- ### 3. Key Electronic Functions * **DC Biasing:** It is used to provide power (bias) to active components like Laser Diodes (LD) or Photodiodes (PD) in optical modules without interfering with the data signal. * **Signal Integrity:** The "R" suffix often denotes "RoHS Compliant," ensuring the materials used (solder, plating) meet environmental safety standards. * **Isolation:** Prevents RF noise from leaking back into the DC power regulation circuitry, which could cause instability. --- ### 4. Typical Application Example In a fiber-optic transmitter, the **SVB-6G-R** acts as the interface between the high-speed data driver and the laser. ```mermaid graph LR A[Data Source / RF] --> B[SVB-6G-R] C[DC Power Supply] --> B B --> D[Laser Diode] ``` ---
    ✨ Follow-up Questions
    • ⤷What is the specific package type for the SVB-6G-R?
    • ⤷ Can this component be used in 10GHz applications despite the 6G rating?
    • ⤷ How does the insertion loss change as frequency increases toward 6GHz?