Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

  • SV-D2-R/Q

  • AI
    The **SV-D2-R** and **SV-D2-Q** are high-performance digital servo drives typically manufactured by companies like **SANYO DENKI** (Sanmotion series) or similar industrial automation brands. These drives are designed to control AC servo motors with high precision. --- ### 1. Key Electronic Components and Architecture The electronic architecture of these drives is divided into several functional blocks: | Component Category | Description | Primary Function | |:---|:---|:---| | **Power Module (IPM)** | Integrated Power Module (IGBTs) | Switches high-voltage DC into 3-phase AC for the motor. | | **Microprocessor/DSP** | Digital Signal Processor | Handles high-speed motion control loops and algorithms. | | **Encoder Interface** | RS-485 or Serial Communication | Receives feedback from the motor's incremental or absolute encoder. | | **Communication Ports** | Mini USB / RS-485 / EtherCAT | Used for parameter tuning and PLC interfacing. | | **I/O Terminals** | Opto-isolated inputs/outputs | Handles Limit Switches, E-Stop, and Pulse/Dir signals. | --- ### 2. Technical Specifications The "R" and "Q" designations usually refer to the interface type or the power input phase. | Specification | SV-D2-R / SV-D2-Q Details | |:---|:---| | **Input Voltage** | AC 200V - 230V (Single or Three Phase) | | **Control Method** | IGBT PWM Control (Sinusoidal Current Drive) | | **Feedback Support** | 17-bit / 20-bit High-resolution Serial Encoders | | **Safety Features** | Overcurrent, Overvoltage, Regeneration Error, Encoder Failure | | **Operating Modes** | Position Control, Speed Control, Torque Control | --- ### 3. Electronic Interface Differences While both belong to the same series, the suffix determines how the drive talks to the controller: * **SV-D2-R:** Often denotes a standard **Analog/Pulse** interface. It accepts Pulse and Direction signals for position control or +/-10V for velocity control. * **SV-D2-Q:** Often denotes a **Networked** interface (such as EtherCAT or a proprietary high-speed bus). This allows for complex multi-axis synchronization via a single cable. ### 4. Wiring and Connection Blocks To integrate these parts, you must interface with the following electronic points: 1. **L1, L2, L3:** Main power supply input. 2. **U, V, W:** Motor power output. 3. **CN1:** Control signals (I/O). 4. **CN2:** Encoder feedback connection. 5. **CN3:** Communication/Setup port. ---
    ✨ Follow-up Questions
    • ⤷ What are the specific wiring differences between the R and Q models?
    • ⤷ How do I troubleshoot an 'Overcurrent' error on an SV-D2 drive?
    • ⤷ Which software is used to tune the electronic parameters for these drives?