STPS2170AF
AI

The **STPS2170AF** is a high-voltage power Schottky rectifier manufactured by STMicroelectronics. It is specifically designed for high-frequency miniature switched-mode power supplies (SMPS) and high-frequency DC-to-DC converters.
---
### ## Technical Specifications Overview
The following table highlights the core electrical characteristics of the STPS2170AF:
| Parameter | Symbol | Value |
| :--- | :--- | :--- |
| **Repetitive Peak Reverse Voltage** | $V_{RRM}$ | 170 V |
| **Average Forward Current** | $I_{F(AV)}$ | 2 A |
| **Forward Voltage Drop (Max)** | $V_F$ | 0.63 V (at 2A, $T_j=125^\circ C$) |
| **Operating Junction Temp** | $T_j$ | -40 to +175 °C |
| **Package Type** | - | SMA Flat (Low profile) |
---
### ## Key Features
1. **High Voltage Capability:** Unlike standard Schottky diodes that often top out at 40V or 60V, this part handles up to **170V**, making it suitable for telecom and industrial power rails.
2. **Low Profile Package:** The "AF" suffix denotes the **SMA Flat** package. It has a significantly lower height compared to standard SMA packages, which is critical for slim electronic devices.
3. **Efficiency:** It offers a very low forward voltage drop ($V_F$), which minimizes power loss and heat generation during conduction.
4. **Avalanche Capability:** It is rated for avalanche (clamping energy), providing a safety margin against inductive spikes or transient overvoltages.
---
### ## Typical Applications
* **Switch Mode Power Supplies (SMPS):** Used as a secondary-side rectifier.
* **DC-DC Converters:** Ideal for step-up (boost) or step-down (buck) converters in industrial equipment.
* **Reverse Polarity Protection:** Protecting sensitive circuitry from battery reversal.
* **Freewheeling Diode:** Used in motor control or relay driving circuits to dissipate energy from inductive loads.
---
### ## Thermal Design Tip
Because the SMA Flat package is small, heat dissipation is primarily achieved through the PCB copper traces. For optimal performance at 2A, ensure a sufficient copper area (solder pads) is provided to act as a heatsink.
- ⤷
What are the main differences between the SMA and SMA Flat package dimensions?
- ⤷ How does the forward voltage drop change with temperature in the STPS2170AF?
- ⤷ Can this diode be used in automotive applications?