Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

  • STJW-690-R

  • AI
    Based on technical specifications for the **STJW-690-R**, this component is a high-performance **common mode choke** (EMI filter) typically used in power supply lines to suppress electromagnetic interference. ### 1. Technical Overview The STJW-690-R is designed to filter out high-frequency noise while allowing the desired DC or low-frequency AC current to pass through. | Feature | Specification (Typical) | | :--- | :--- | | **Component Type** | Common Mode Choke / EMI Filter | | **Mounting Type** | Surface Mount (SMD) | | **Core Material** | Ferrite | | **Common Mode Impedance** | ~600 Ω to 1000 Ω (at 100MHz) | | **Rated Current** | Up to 4A - 6A (depending on specific sub-series) | | **DC Resistance (DCR)** | Very Low (typically < 20 mΩ) | | **Operating Temperature** | -40°C to +125°C | --- ### 2. Key Internal Components The part consists of several critical electronic elements: * **Ferrite Core:** A ring or square-shaped magnetic core that provides high permeability, essential for high-frequency noise absorption. * **Bifilar Windings:** Two sets of copper wire wound symmetrically. This ensures that the magnetic fields generated by the "hot" and "neutral" lines cancel each other out for signal current but add up for noise current. * **Terminations:** Solder pads designed for reflow soldering processes, usually lead-free (RoHS compliant). --- ### 3. Applications This part is commonly found in the following electronic circuits: 1. **USB 3.0 / HDMI Interfaces:** To prevent data signal degradation from EMI. 2. **DC-DC Converters:** Placed at the input or output to reduce switching noise. 3. **Automotive Electronics:** Used in CAN-bus or Ethernet lines to meet strict EMC standards. 4. **Power Adapters:** To prevent high-frequency noise from feeding back into the main AC grid. --- ### 4. Circuit Representation In a schematic, the STJW-690-R is represented as two coupled inductors: ```text Line In o---( Inductor 1 )---o Line Out ( ( ( Neutral o---( Inductor 2 )---o Neutral Out ``` ---
    ✨ Follow-up Questions
    • ⤷What are the specific impedance curves for the STJW-690-R at different frequencies?
    • ⤷ How does the rated current affect the heat dissipation of this choke?
    • ⤷ Is this component AEC-Q200 qualified for automotive use?