Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

  • SSL1005-R15MF

  • AI
    The **SSL1005-R15MF** is a specific surface-mount (SMD) power inductor. This component belongs to a category of passive electronics used primarily for energy storage and noise filtering in power management circuits. --- ### 1. Part Number Breakdown Understanding the nomenclature helps identify its physical and electrical characteristics: | Code Segment | Meaning | Description | | :--- | :--- | :--- | | **SSL** | Series Type | Typically refers to a shielded or semi-shielded power inductor series. | | **1005** | Case Size | Dimensions are approximately **10mm x 10mm x 5mm**. | | **R15** | Inductance Value | Represents **0.15 µH** (Microhenries). | | **M** | Tolerance | Usually signifies **±20%**. | | **F** | Compliance | Generally denotes **Lead-Free / RoHS compliant**. | --- ### 2. Technical Specifications While exact specs can vary slightly by manufacturer (such as Sumida or Signal Transformer), the general parameters for a 1005-R15MF inductor are: * **Inductance:** 0.15 µH. * **DC Resistance (DCR):** Extremely low (often < 5 mΩ) due to the low inductance value. * **Saturation Current (Isat):** Very high. Because the inductance is low, these parts can often handle 15A to 30A+ before the core saturates. * **Operating Temperature:** Typically -40°C to +125°C. * **Construction:** Wire-wound copper coil on a ferrite core, often molded or shielded to reduce Electromagnetic Interference (EMI). --- ### 3. Key Functions & Applications The SSL1005-R15MF is designed for high-frequency, high-current environments. #### Primary Functions: 1. **Energy Storage:** Used in Buck or Boost converters to store energy in a magnetic field during the switching cycle. 2. **Filtering:** Smooths out ripples in output current to provide a steady DC voltage. 3. **EMI Suppression:** The shielded design prevents magnetic flux from interfering with nearby sensitive components. #### Common Applications: * **Voltage Regulator Modules (VRMs):** Found on PC motherboards and servers. * **DC-DC Converters:** High-efficiency power supplies for telecommunications. * **Graphic Cards (GPUs):** Handling the high-current demands of modern processors. --- ### 4. Footprint and Mounting The "1005" footprint is relatively large for mobile devices but standard for industrial and computing power stages. It is designed for **SMT (Surface Mount Technology)** reflow soldering. ```text [ Top View Representation ] __________ | | | R15 | <-- Part Marking |__________| (10mm x 10mm) ```
    ✨ Follow-up Questions
    • ⤷ What are the main differences between shielded and unshielded inductors like the SSL series?
    • ⤷ How does the 'Saturation Current' affect the choice of this inductor in a power circuit?
    • ⤷ What are some equivalent part numbers from other manufacturers for a 0.15uH 1005 inductor?