Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

  • SSL0705M-R15MF-R46

  • AI
    The **SSL0705M-R15MF-R46** is a surface-mount (SMD) power inductor commonly used in DC-DC converters and power supply filtering. This specific part belongs to a category of high-current, low-profile magnetic components. --- ### 1. Part Number Breakdown (Typical Nomenclature) While nomenclature can vary slightly by manufacturer, the code generally follows this structure: | Segment | Meaning | Description | | :--- | :--- | :--- | | **SSL** | Series Prefix | Usually refers to Shielded/Semi-Shielded Low Profile series. | | **0705** | Case Size | Dimensions approx. 7.0mm x 7.0mm (Width x Length). | | **M** | Material/Tolerance | Often denotes a ±20% inductance tolerance. | | **R15** | Inductance Value | **0.15 µH** (R denotes the decimal point). | | **MF-R46** | Revision/Packaging | Specific factory coating, core material type, or tape-and-reel specs. | --- ### 2. Key Technical Specifications Based on the standard parameters for the 0705 series at 0.15µH: * **Inductance:** 0.15 µH (Very low inductance, typical for high-frequency switching). * **DC Resistance (DCR):** Extremely low (often < 5 mΩ) to minimize power loss. * **Saturation Current ($I_{sat}$):** High capacity, typically ranging from 10A to 20A+ depending on the core material. * **Operating Temperature:** Generally -40°C to +125°C. * **Construction:** Magnetic shielding to reduce Electromagnetic Interference (EMI). --- ### 3. Applications and Use Cases Because of the very low inductance (0.15 µH) and high current capability, this part is used in: 1. **Voltage Regulator Modules (VRMs):** Used in motherboards and GPU power phases. 2. **Point of Load (POL) Converters:** Providing stable voltage to CPUs or FPGAs. 3. **High-Frequency DC-DC Converters:** Where switching frequencies are high enough to allow small inductance values. 4. **Battery Management Systems:** High-efficiency power paths. --- ### 4. Comparison Table: Why R15? | Feature | 0.15 µH (Low L) | 10 µH (High L) | | :--- | :--- | :--- | | **Switching Frequency** | Best for High MHz range | Best for Lower KHz range | | **Physical Size** | Can be smaller for same current | Usually larger for same current | | **Ripple Current** | Higher ripple | Lower ripple | | **Transient Response** | Very Fast | Slower | ---
    ✨ Follow-up Questions
    • ⤷ What are the equivalent alternative part numbers for the SSL0705 series?
    • ⤷ How does the 0.15 uH inductance value affect the ripple current in a buck converter?
    • ⤷ What is the specific saturation current rating for the R46 suffix version?