SS17HB-R03300
AI

The **SS17HB-R03300** is a common mode choke coil (inductor) typically used in noise suppression and electromagnetic interference (EMI) filtering. It is part of the SS series manufactured by companies like KEMET (formerly TOKIN).
---
### 1. Technical Specifications
Below are the primary electrical and physical characteristics of the SS17HB-R03300:
| Parameter | Specification |
|:---|:---|
| **Component Type** | Common Mode Choke |
| **Inductance (Min)** | 30.0 mH |
| **Rated Current (AC/DC)** | 0.3 A (300 mA) |
| **DC Resistance (Max)** | 2.5 Ω |
| **Rated Voltage** | 250 VAC |
| **Temperature Rise (Max)** | 45 K |
| **Operating Temperature** | -25°C to +120°C |
| **Core Material** | Manganese-Zinc (Mn-Zn) Ferrite |
---
### 2. Key Features
* **High Inductance:** Provides significant impedance against common mode noise at relatively low frequencies.
* **Compact Design:** The "17HB" designation refers to the physical size and vertical mounting style, making it ideal for high-density PCB layouts.
* **Reliability:** Designed to handle AC line voltages (up to 250V), making it suitable for direct integration into power supply inputs.
* **Low Profile:** The "HB" series usually indicates a specific bobbin orientation that minimizes the footprint area.
---
### 3. Internal Structure & Working Principle
The device consists of two coils wound onto a single ferrite core.
* **Differential Mode:** When current flows in opposite directions (normal operation), the magnetic fields cancel out, allowing the signal to pass with minimal resistance.
* **Common Mode:** When noise flows in the same direction on both lines, the magnetic fields add up, creating high impedance and effectively "choking" the noise before it reaches sensitive components.
---
### 4. Common Applications
The SS17HB-R03300 is primarily used in the following sectors:
1. **Switching Power Supplies (SMPS):** Filtering AC line noise.
2. **LED Lighting:** Preventing high-frequency switching noise from entering the power grid.
3. **Consumer Electronics:** Used in TVs, Audio equipment, and PC peripherals to comply with EMC regulations.
4. **Home Appliances:** Reducing interference in motor controllers or digital displays.
---
- ⤷What is the difference between a common mode choke and a differential mode choke?
- ⤷ How do I calculate the required inductance for an EMI filter?
- ⤷ Can the SS17HB-R03300 be used in DC-to-DC converters?