Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

  • SN74CBT16811CDL

  • AI
    ## Overview of SN74CBT16811CDL The **SN74CBT16811CDL** is a high-speed TTL-compatible FET bus switch manufactured by Texas Instruments. It is designed to facilitate high-speed signal switching with minimal propagation delay, commonly used in communication and computing systems. --- ### Key Specifications | Parameter | Specification | | :--- | :--- | | **Logic Family** | CBT (Crossbar Technology) | | **Function** | 24-Bit FET Bus Switch | | **Operating Voltage (Vcc)** | 4.0V to 5.5V | | **Number of Bits** | 24-Bit (Dual 12-bit banks) | | **Propagation Delay** | < 0.25 ns (Max) | | **Package Type** | SSOP-56 (Shrink Small-Outline Package) | | **Operating Temperature** | -40°C to 85°C | --- ### Functional Features 1. **Low ON-State Resistance ($R_{on}$):** The internal FET switches have very low resistance (typically $5\Omega$ to $10\Omega$), which ensures minimal signal distortion and voltage drop across the switch. 2. **Zero Propagation Delay:** Since it is a passive FET switch rather than a buffer/driver, the propagation delay is practically negligible, determined solely by the RC time constant of the switch resistance and the load capacitance. 3. **5V Tolerance with 3.3V Output Compatibility:** It can be used to translate signal levels or connect 5V devices to 5V buses while maintaining high-speed performance. 4. **Control Pins (Output Enable):** The device features **$\overline{OE}$ (Output Enable)** pins. When $\overline{OE}$ is LOW, the switch is closed (conducting). When $\overline{OE}$ is HIGH, the switch is open (high-impedance state). --- ### Internal Structure & Pinout Data The device is organized as two sets of 12-bit switches ($1\overline{OE}$ and $2\overline{OE}$). * **Port A (A1 to A24):** Input/Output terminals. * **Port B (B1 to B24):** Corresponding Input/Output terminals. * **$1\overline{OE}$:** Controls bits 1 through 12. * **$2\overline{OE}$:** Controls bits 13 through 24. --- ### Common Applications * **Memory Interleaving:** Used to switch address or data buses between different memory banks. * **Bus Isolation:** Provides a way to isolate a segment of a bus to reduce capacitive loading. * **Hot-Plugging:** Protecting sensitive circuitry during live insertion of peripheral cards. * **Signal Level Shifting:** Bridging different voltage domains in high-speed digital systems.
    ✨ Follow-up Questions
    • ⤷ What is the difference between CBT and CBTLV logic families?
    • ⤷ How does the ON-resistance of this chip change with varying input voltage?
    • ⤷ Can this IC be used for bidirectional data transmission?