Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

  • SMS-R010-1.0

  • AI
    ## Analysis of the SMS-R010-1.0 Electronic Component The **SMS-R010-1.0** is a precision **Surface Mount (SMD) Current Sense Resistor**. It is specifically designed for power management and current sensing applications where high accuracy and low resistance values are required. ### 1. Key Technical Specifications The part number follows a standard nomenclature used by manufacturers like **Isabellenhütte** (a primary manufacturer of this series). | Parameter | Specification | | :--- | :--- | | **Resistance Value** | 0.010 Ohms (10 mΩ) | | **Tolerance** | ± 1.0% | | **Power Rating** | 2 Watts (at 70°C) | | **Temperature Coefficient** | < 50 ppm/K (Standard) | | **Operating Temp Range** | -65°C to +170°C | | **Case Size** | 2512 (approx. 6.35 x 3.05 mm) | --- ### 2. Internal Construction and Features Unlike standard thick-film resistors, the SMS series utilizes specialized materials and construction techniques to ensure stability: * **Manganin/ISA-PLAN® Technology:** The resistive element is usually made from a proprietary alloy (like Manganin) etched from a foil. This provides a very low thermal EMF (electromotive force) against copper. * **Low Inductance:** The flat, planar construction results in an inductance of less than 3 nH, making it ideal for high-frequency switching circuits. * **High Pulse Power:** It can handle significant short-term pulse loads compared to standard resistors of the same size. * **Thermal Management:** Designed with heavy copper terminals to improve heat dissipation into the PCB. --- ### 3. Common Applications This component is typically used in the feedback loop of power electronic circuits: 1. **Battery Management Systems (BMS):** Monitoring charge and discharge currents in lithium-ion packs. 2. **Motor Control:** Sensing phase currents for precise torque and speed regulation. 3. **DC/DC Converters:** Providing current-mode control feedback for voltage regulators. 4. **Automotive Electronics:** Used in electronic power steering and braking systems. --- ### 4. Part Number Breakdown (Isabellenhütte Convention) | Segment | Meaning | | :--- | :--- | | **SMS** | Series Name (SMD Resistor) | | **R010** | Resistance Value (0.010 Ω / 10 mΩ) | | **1.0** | Tolerance percentage (± 1.0%) |
    ✨ Follow-up Questions
    • ⤷ What are the recommended PCB layout pads for the SMS-R010-1.0 to ensure accurate measurement?
    • ⤷ How does the temperature coefficient (TCR) affect current sensing accuracy in this resistor?
    • ⤷ Can this resistor be used in AEC-Q200 qualified automotive designs?