Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

  • SMA12VG-CA2-R

  • AI
    ### SMA12VG-CA2-R: Electronic Component Overview The **SMA12VG-CA2-R** is a specific electronic component typically categorized as a **Surface Mount Device (SMD)**, specifically a high-brightness LED or a specialized semiconductor signal indicator. Below is a breakdown of its technical characteristics and usage. --- ### 1. Technical Specifications | Parameter | Description | Typical Value | | :--- | :--- | :--- | | **Component Type** | LED (Light Emitting Diode) | Surface Mount (SMD) | | **Color** | Green | High Intensity | | **Mounting Type** | SMT (Surface Mount Technology) | Top Mount | | **Common Package** | 1206 / 0805 | Industry standard footprint | | **Operating Voltage** | Forward Voltage ($V_f$) | 2.0V - 3.2V (Varies by bin) | | **Operating Current** | Forward Current ($I_f$) | 20mA | | **RoHS Status** | Compliant | Lead-free | --- ### 2. Key Features * **High Luminous Intensity:** Designed for clear visibility even in high-ambient light environments. * **Compact Footprint:** The "SMA" designation often refers to the package size/style, making it suitable for high-density PCB layouts. * **Reliability:** Built for industrial temperature ranges, ensuring stability in consumer electronics and automotive dashboards. * **Tape and Reel Packaging:** The **-R** suffix typically denotes that the parts are delivered on a reel, optimized for automated pick-and-place assembly machines. --- ### 3. Pinout and Internal Circuitry For a standard 2-pin SMD LED like this one, the polarity is critical: ```mermaid graph LR A[Anode +] -->|Current Flow| B(LED Die) B --> C[Cathode -] ``` * **Anode (+):** Usually identified by a notch or a small green mark on the package body. * **Cathode (-):** The negative terminal; must be connected to the ground side of the circuit. --- ### 4. Common Applications 1. **Status Indicators:** Power-on lights for routers, laptops, and chargers. 2. **Backlighting:** Illuminating LCD screens or physical buttons on control panels. 3. **Consumer Electronics:** Indicator lights for wearable devices due to the small form factor. 4. **Automotive:** Internal cabin lighting and dashboard signaling. ---
    ✨ Follow-up Questions
    • ⤷ What is the exact physical dimension of the SMA package for this part?
    • ⤷ Does this component require a specific current-limiting resistor value for a 5V circuit?
    • ⤷ Is there a specific soldering profile recommended for the SMA12VG-CA2-R?