Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

  • SIG4018L-R56

  • AI
    ### Overview: SIG4018L-R56 The **SIG4018L-R56** is a surface-mount (SMD) power inductor commonly used in DC-DC converters and power management modules. It is designed for high-efficiency power delivery in compact electronic devices. --- ### 1. Key Technical Specifications | Parameter | Value | Details | | :--- | :--- | :--- | | **Inductance** | 0.56 µH | The nominal inductance at 100kHz. | | **Tolerance** | ±20% (M) | Standard variation for power inductors. | | **DC Resistance (DCR)** | ~5.0 mΩ | Typical resistance; lower is better for efficiency. | | **Saturation Current (Isat)** | ~12.0 A | Current at which inductance drops by 30%. | | **Heat Rating Current (Irms)** | ~9.0 A | Current that causes a 40°C temperature rise. | | **Dimensions** | 4.0 x 4.0 x 1.8 mm | Small form factor (4018 size). | --- ### 2. Part Number Breakdown The part number follows a standard industry convention for inductors: * **SIG**: Series name (often indicates a shielded, high-current design). * **4018**: Physical dimensions (4.0mm length/width, 1.8mm height). * **L**: Material or tolerance designator (varies by manufacturer). * **R56**: Inductance value (R = decimal point; R56 = 0.56 µH). --- ### 3. Core Features & Construction * **Magnetic Shielding:** The "SIG" series is typically shielded. This prevents electromagnetic interference (EMI) from affecting surrounding components on a crowded PCB. * **Low Profile:** With a height of only 1.8mm, it is ideal for thin electronics like smartphones, tablets, and SSDs. * **High Current Density:** Optimized for high-frequency switching power supplies where low DCR is critical to prevent overheating. --- ### 4. Typical Applications 1. **Buck/Boost Converters:** Used in voltage regulation for CPUs and GPUs. 2. **Portable Electronics:** Power management in mobile phones and wearables. 3. **LED Drivers:** Providing stable current for high-brightness lighting circuits. 4. **Peripheral Power:** Supply filtering for USB-C ports and storage drives. --- ### 5. Design Considerations When integrating the SIG4018L-R56 into a circuit, keep the following in mind: * **Thermal Management:** Ensure there is enough copper area on the PCB pads to act as a heat sink for the Irms current. * **Saturation:** Never exceed the `Isat` rating during peak loads, as the inductor will lose its properties and could lead to circuit failure or noise.
    ✨ Follow-up Questions
    • ⤷ What are the equivalent alternative parts for the SIG4018L-R56?
    • ⤷ How does the 0.56uH inductance value affect ripple current in a buck converter?
    • ⤷ What is the operating temperature range for this specific inductor series?