Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

  • SHT40-AD1P-R2

  • AI
    ## Overview of the SHT40-AD1P-R2 The **SHT40-AD1P-R2** is a high-precision, ultra-low-power digital humidity and temperature sensor manufactured by **Sensirion**. It belongs to the 4th generation (SHT4x) of CMOSens® technology sensors. --- ### 1. Key Electronic Specifications The following table summarizes the primary electrical and performance characteristics: | Parameter | Value / Range | Unit | | :--- | :--- | :--- | | **Supply Voltage (VDD)** | 1.08 to 3.6 | V | | **Interface** | I2C (Standard, Fast, Fast Plus) | - | | **I2C Address** | 0x44 | Hex | | **Relative Humidity Range** | 0 to 100 | %RH | | **RH Accuracy** | ±1.8 (typical) | %RH | | **Temperature Range** | -40 to +125 | °C | | **Temp. Accuracy** | ±0.2 (typical) | °C | | **Average Current** | 0.4 (at 1Hz measurement) | µA | | **Idle Current** | 80 | nA | --- ### 2. Internal Electronic Architecture The device integrates several critical components into a single 4-pin DFN package: * **Sensing Elements:** A capacitive humidity sensor and a bandgap temperature sensor. * **Analog-to-Digital Converter (ADC):** Converts raw analog signals from the sensors into high-resolution digital data. * **Digital Processing Unit:** Handles calibration data (stored in OTP memory) and linearizes the output. * **Integrated Heater:** A software-controllable internal heater used for de-fogging, self-test, or removing condensed water in high-humidity environments. * **Communication Interface:** A standard I2C interface capable of speeds up to 1 MHz. --- ### 3. Pin Configuration The SHT40-AD1P-R2 uses a compact **DFN-4** footprint. | Pin Number | Name | Function | | :--- | :--- | :--- | | 1 | **SDA** | Serial Data (I2C) | | 2 | **SCL** | Serial Clock (I2C) | | 3 | **VDD** | Supply Voltage | | 4 | **VSS** | Ground | --- ### 4. Application Implementation To integrate this part, pull-up resistors are required on the I2C lines, and a decoupling capacitor is needed on the VDD line. ```cpp // Example: Pseudo-code for reading SHT4x via I2C // 1. Send Command 0xFD (High Precision Measure) // 2. Wait 10ms // 3. Read 6 bytes (Temp MSB, Temp LSB, Temp CRC, RH MSB, RH LSB, RH CRC) // 4. Calculate Temperature: float T_degC = -45 + 175 * raw_temp / 65535.0; // 5. Calculate Humidity: float RH_pct = -6 + 125 * raw_rh / 65535.0; ``` --- ### 5. Notable Features * **JEDEC JESD47 Qualification:** High reliability for industrial applications. * **NIST Traceability:** Sensors are calibrated against a traceable reference. * **Tape and Reel Packaging:** The "R2" suffix indicates the part is supplied in a standard 2500-piece tape and reel format.
    ✨ Follow-up Questions
    • ⤷What are the differences between SHT40 and SHT41?
    • ⤷ How do I implement the integrated heater in code?
    • ⤷ What is the recommended I2C pull-up resistor value for 3.3V?