SFH4256-R
AI

The **SFH 4256-R** is a high-power Infrared (IR) Emitter manufactured by ams OSRAM. It belongs to the Power TOPLED® family and is specifically designed for high-performance optical sensing and data transmission.
---
### ## Technical Specifications
Below are the primary electronic characteristics of the SFH 4256-R:
| Parameter | Symbol | Typical Value | Unit |
| :--- | :--- | :--- | :--- |
| **Peak Wavelength** | $\lambda_{peak}$ | 850 | nm |
| **Forward Current** | $I_F$ | 70 | mA |
| **Forward Voltage** | $V_F$ | 1.5 (max 1.8) | V |
| **Radiant Intensity** | $I_e$ | 10 - 20 | mW/sr |
| **Switching Times** | $t_r / t_f$ | 12 / 12 | ns |
| **Viewing Angle** | $\phi$ | ± 60 | Degrees |
---
### ### Key Electronic Features
1. **High Speed:** With rise and fall times of approximately 12 nanoseconds, this component is suitable for high-frequency modulation and fast data links.
2. **850nm Technology:** It operates in the near-infrared spectrum. While 850nm is mostly invisible to the human eye, it can sometimes show a faint red glow, and it is highly sensitive to standard silicon phototransistors.
3. **Power TOPLED Package:** The "R" in the suffix often denotes specific binning or tape-and-reel orientation. The package is designed for Surface Mount Technology (SMT) and offers excellent thermal management.
4. **ESD Robustness:** It features a high ESD withstand voltage (up to 2 kV according to ANSI/ESDA/JEDEC JS-001), protecting the internal Gallium Aluminum Arsenide (GaAlAs) chip.
---
### ### Typical Applications
* **Infrared Illumination:** Used for cameras and CCTV night vision.
* **Data Transmission:** High-speed IR communication (IrDA).
* **Proximity Sensors:** Used in industrial automation and consumer electronics.
* **Touchscreens:** Specifically infrared-based touch frames.
---
### ### Circuit Design Considerations
When integrating the SFH 4256-R into a circuit, consider the following:
* **Current Limiting:** Always use a series resistor to prevent thermal runaway.
* **Heat Dissipation:** Although it is a small SMT device, continuous operation at 70mA requires a proper PCB copper area for heat sinking.
* **Polarity:** Ensure the cathode (marked with a notch or corner chamfer on the package) is connected to the negative terminal.
- ⤷What is the difference between the 850nm and 940nm versions of this emitter?
- ⤷ How do I calculate the series resistor for a 5V supply?
- ⤷ What is the maximum pulse current this LED can handle?