Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

  • SFG2E-R0075

  • AI
    The **SFG2E-R0075** is a high-performance **Current Sense Resistor** (also known as a Shunt Resistor) typically manufactured by companies like Susumu or specialized power component vendors. These components are critical for monitoring current flow in high-power electronic circuits. --- ## 1. Technical Specifications Below are the typical parameters associated with the SFG2E-R0075 model: | Parameter | Specification | |:---|:---| | **Resistance Value** | 0.0075 $\Omega$ (7.5 m$\Omega$) | | **Power Rating** | Often 2W to 5W (depending on series) | | **Tolerance** | $\pm$1% (Standard) | | **Technology** | Metal Plate / Metal Alloy | | **Temperature Coefficient (TCR)** | $\pm$50ppm/°C or $\pm$100ppm/°C | | **Package Type** | SMD (Surface Mount Device) | --- ## 2. Key Features * **Low Resistance:** The 7.5 m$\Omega$ value is designed to minimize power loss ($P = I^2 \times R$) while providing enough voltage drop for a microcontroller or operational amplifier to measure. * **High Power Handling:** Unlike standard resistors, this part is built to dissipate heat efficiently across a wide metal element. * **Stability:** Features a low TCR, meaning the resistance value stays consistent even as the component heats up during operation. --- ## 3. Principles of Operation The part works based on **Ohm's Law**. When current ($I$) passes through the resistor, a small voltage ($V$) is generated across its terminals: ```python # Calculating Voltage Drop across SFG2E-R0075 Resistance = 0.0075 # 7.5 mOhms Current = 10.0 # 10 Amps Voltage_Drop = Current * Resistance # Result: 0.075 Volts (75mV) ``` By measuring this 75mV signal, the system's management IC can determine exactly how much current is being consumed and trigger safety shutdowns or adjust performance. --- ## 4. Typical Applications 1. **Battery Management Systems (BMS):** Monitoring charging and discharging currents in Li-ion packs. 2. **DC-DC Converters:** Providing feedback loops for current-mode control. 3. **Motor Controllers:** Detecting over-current conditions in industrial or automotive motors. 4. **Power Supplies:** Load sensing for high-efficiency server power units.
    ✨ Follow-up Questions
    • ⤷ What are the alternative SMD package sizes for this resistor?
    • ⤷ How does the TCR value affect the accuracy of current measurement?
    • ⤷ What are the recommended footprint layouts for thermal management of shunt resistors?