Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

  • SF5ABC

  • AI
    The **SF5A600H** (often referred to in shorter codes like SF5A) is a high-performance **Ultrafast Recovery Rectifier Diode**. These components are critical in power electronics for managing high-speed switching and minimizing energy loss. --- ### 1. Key Technical Specifications Below are the typical parameters for an SF5A-series diode (specifically the 600V variant): | Parameter | Symbol | Typical Value | | :--- | :--- | :--- | | **Repetitive Peak Reverse Voltage** | $V_{RRM}$ | 600 V | | **Average Forward Rectified Current** | $I_{F(AV)}$ | 5.0 A | | **Maximum Forward Voltage Drop** | $V_F$ | ~1.5 V to 1.7 V | | **Reverse Recovery Time** | $t_{rr}$ | < 30 ns | | **Operating Junction Temperature** | $T_j$ | -55 to +150 °C | --- ### 2. Core Features * **Ultrafast Recovery Time:** The "SF" (Super Fast) designation indicates the diode can switch from a conducting state to a blocking state in nanoseconds. This reduces "switching loss." * **Low Leakage Current:** It maintains high stability by preventing current from flowing backward when the diode is biased in reverse. * **Soft Recovery Characteristics:** This helps in reducing Electromagnetic Interference (EMI), which is vital for passing regulatory certifications in consumer electronics. * **Package Type:** Usually found in **TO-220** or **DPAK** packages, allowing for efficient heat dissipation. --- ### 3. Common Applications These diodes are used in circuits where high-frequency switching occurs: 1. **SMPS (Switching Mode Power Supplies):** Used in the output rectification stage to convert high-frequency AC back to DC. 2. **Freewheeling Diode:** Used in motor control circuits to protect switching transistors (like MOSFETs or IGBTs) from inductive voltage spikes. 3. **PFC (Power Factor Correction):** Critical in modern power adapters to improve energy efficiency. 4. **Inverters:** Found in solar power systems and Uninterruptible Power Supplies (UPS). --- ### 4. Comparison: Standard vs. Super Fast | Feature | Standard Rectifier (1N5408) | Super Fast Rectifier (SF5A600) | | :--- | :--- | :--- | | **Switching Speed** | Very Slow | Extremely Fast | | **Heat Generation** | High at high frequencies | Low at high frequencies | | **Typical Use** | 50/60Hz Wall Power | High-frequency DC-DC Conversion |
    ✨ Follow-up Questions
    • ⤷ What is the difference between an SF5A and a Schottky diode in power applications?
    • ⤷ How does the reverse recovery time (trr) affect the efficiency of a power supply?
    • ⤷ Can the SF5A600H be used in parallel to increase current capacity?