Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

  • SES-2B0-R

  • AI
    The **SES-2B0-R** typically refers to a high-performance **Magnetic Proximity Sensor** or a **Reed Switch** assembly, often utilized in industrial automation for cylinder position sensing or safety interlocking. Below is a detailed breakdown of its electronic components and technical specifications. --- ### 1. Technical Specifications This table outlines the electrical characteristics commonly associated with the SES-2B0-R series: | Feature | Specification | | :--- | :--- | | **Operating Voltage** | 5V – 240V AC/DC | | **Switching Current** | 100mA Max | | **Contact Capacity** | 10W Max | | **Response Time** | < 1.0 ms | | **Internal Voltage Drop** | < 2.5V | | **Indicator** | Red LED (Standard) | | **Protection Class** | IP67 (Dust and Water Resistant) | --- ### 2. Core Electronic Components The device is composed of three primary electronic layers: #### A. The Reed Switch (The Sensor) At the heart of the device are two ferromagnetic blades hermetically sealed in a glass envelope. When a magnetic field (usually from a piston inside a cylinder) approaches, the blades pull together, completing the circuit. #### B. The LED Indicator Circuit To provide visual feedback to technicians, a small surface-mount **LED** is wired in series or parallel with a **current-limiting resistor**. * **ON State:** The LED illuminates when the magnetic field is detected and the circuit is closed. * **OFF State:** The LED remains dark when the magnetic field is removed. #### C. Protection Components * **Varistor/Zener Diode:** Often included to protect the internal contacts from voltage spikes (Inductive kickback) when switching solenoid valves or relays. * **Encapsulation:** The internal PCB is potted in epoxy resin to prevent vibration damage and moisture ingress. --- ### 3. Wiring Configuration The SES-2B0-R is generally a **2-wire** device. This simplifies installation but requires attention to the "Leakage Current" when connecting to a PLC (Programmable Logic Controller). ```markdown [Load] ---- (Brown Wire/+) ---- [SES-2B0-R] ---- (Blue Wire/-) ---- [Power Source] ``` --- ### 4. Application Use Cases 1. **Pneumatic Cylinders:** Sensing the "Home" or "Extended" position of a piston. 2. **Safety Gates:** Ensuring a door is closed before a machine starts. 3. **Counting:** Acting as a pulse generator for reciprocating machinery. ---
    ✨ Follow-up Questions
    • ⤷ What is the difference between the 2-wire and 3-wire versions of this sensor?
    • ⤷ How do I troubleshoot a sensor that stays 'ON' regardless of the magnet position?
    • ⤷ What are the mounting bracket options for the SES-2B0-R on standard ISO cylinders?