Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

  • SES-2A5W-R

  • AI
    The **SES-2A5W-R** is a specific model of an **Electromagnetic Shielding Gasket** (often categorized under EMI/RFI shielding components). These parts are critical in electronic design to prevent electromagnetic interference from leaking out of or into sensitive device enclosures. --- ## 1. Technical Specifications The "SES" series typically refers to **Silicone Elastomer with Silver-plated filler**, providing both environmental sealing and high conductivity. | Feature | Specification (Typical) | | :--- | :--- | | **Material Type** | Conductive Silicone Elastomer | | **Filler Material** | Silver-plated Aluminum or Copper | | **Shape/Profile** | Rectangular / Strip | | **Hardness** | 50 - 70 Shore A | | **Operating Temp** | -55°C to +125°C | | **Flammability** | UL 94 V-0 Rated | --- ## 2. Key Electronic Functions The SES-2A5W-R serves three primary roles within a PCB assembly or device chassis: ### A. EMI/RFI Shielding The silver-plated particles embedded in the silicone create a conductive path. When compressed between two metal surfaces (like a lid and a housing), it completes a "Faraday Cage," blocking high-frequency signals. ### B. Galvanic Compatibility The "2A" designation often implies a specific filler (like Silver-Aluminum) designed to reduce galvanic corrosion when in contact with aluminum enclosures, ensuring the long-term electrical integrity of the joint. ### C. Environmental Sealing Unlike rigid metal gaskets, the silicone base provides an **IP (Ingress Protection)** seal, protecting internal electronics from moisture, dust, and debris. --- ## 3. Physical Attributes The suffix code **5W-R** generally denotes the dimensional sizing and the packaging format: * **5W**: Usually indicates a width of 5mm (though this can vary by manufacturer catalog). * **R**: Typically stands for **Roll** format or **Rectangular** cross-section. ### Cross-Section Diagram (Simplified) ```text [ Metal Housing Lid ] ----------------------------------- | ::::::::::::::::::::::::::::: | <-- SES-2A5W-R Gasket | :: Conductive Particles :: | (Compressed) ----------------------------------- [ Metal Enclosure Base ] ``` --- ## 4. Common Applications * **Telecommunications:** Base stations and small cell enclosures. * **Military/Aerospace:** Ruggedized computers and radio equipment. * **Medical Electronics:** Diagnostic imaging machines sensitive to external noise. * **Automotive:** Electronic Control Units (ECUs) and EV battery management systems.
    ✨ Follow-up Questions
    • ⤷ What is the compression set percentage for this specific silicone gasket?
    • ⤷ How does the Silver-Aluminum filler compare to Silver-Copper in terms of shielding effectiveness?
    • ⤷ What are the recommended groove dimensions for installing a 5mm wide SES gasket?