Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

  • SE5502L-R

  • AI
    ## Overview of the SE5502L-R The **SE5502L-R** is a highly integrated **Front-End Module (FEM)** designed for IEEE 802.11a/n/ac WLAN systems (Wi-Fi 5). It is specifically engineered to handle the 5 GHz frequency band, providing the necessary RF circuitry between the transceiver and the antenna. --- ### Core Specifications The following table summarizes the key electrical and physical characteristics: | Feature | Specification | | :--- | :--- | | **Frequency Range** | 4.9 GHz to 5.85 GHz | | **Operating Voltage** | 3.0V to 4.8V (Nominal 3.3V) | | **Output Power (802.11ac)** | +17.5 dBm @ 1.8% EVM | | **Gain** | ~30 dB | | **Package Type** | 20-pin QFN (4mm x 4mm x 0.9mm) | | **Integrated Parts** | PA, LNA, Switch, Power Detector | --- ### Internal Electronic Components The SE5502L-R integrates several critical RF components into a single silicon-on-insulator (SOI) or GaAs-based die: #### 1. Power Amplifier (PA) The PA is responsible for boosting the low-power signal from the Wi-Fi chipset to a level sufficient for transmission over the air. It is optimized for **linearity**, which is crucial for high-order modulation like 256 QAM used in 802.11ac. #### 2. Low Noise Amplifier (LNA) On the receiver side, the LNA amplifies weak incoming signals from the antenna while adding minimal noise. This improves the overall receiver sensitivity of the device. The SE5502L-R usually features a bypass mode for the LNA to handle strong nearby signals. #### 3. T/R Switch (Transmit/Receive) This is a high-speed RF switch that toggles the antenna connection between the Transmit (TX) and Receive (RX) paths. It prevents the high-power TX signal from damaging the sensitive LNA. #### 4. Power Detector An integrated logarithmic power detector provides a DC voltage proportional to the output RF power. This allows the system's closed-loop power control to maintain consistent transmission levels regardless of temperature or voltage fluctuations. --- ### Key Pin Functions | Pin Name | Description | | :--- | :--- | | **RFIN** | RF Input for the 5 GHz signal from the transceiver. | | **ANT** | Connection point for the 5 GHz antenna. | | **VCC** | Supply voltage pins for the Power Amplifier stages. | | **EN (Enable)** | Logic pin to turn the module on or off (Power Down mode). | | **DET** | Output pin for the integrated power detector. | --- ### Common Applications * **Access Points / Routers:** Providing high-speed 5 GHz coverage. * **Mobile Devices:** Integrated into smartphones and tablets for dual-band Wi-Fi. * **Set-top Boxes:** Facilitating high-bandwidth video streaming via 802.11ac.
    ✨ Follow-up Questions
    • ⤷ What are the layout requirements for the ANT pin to ensure minimal signal loss?
    • ⤷ How does the SE5502L-R handle thermal dissipation in high-power modes?
    • ⤷ Compare the SE5502L-R with a newer Wi-Fi 6 (802.11ax) FEM.