Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

  • SE2537L-R

  • AI
    ## Overview of the SE2537L-R The **SE2537L-R** is a high-performance Power Amplifier (PA) designed primarily for 5 GHz Wireless LAN (WLAN) applications, specifically supporting the **IEEE 802.11a/n** standards. It is manufactured by Skyworks Solutions Inc. and is known for its compact size and efficiency. --- ### Technical Specifications The following table summarizes the key electronic characteristics of the SE2537L-R: | Parameter | Specification | | :--- | :--- | | **Frequency Range** | 5.15 GHz to 5.85 GHz | | **Operating Voltage (VCC)** | 3.0V to 5.0V | | **Gain** | ~25 dB | | **Output Power (Pout)** | +19 dBm @ 3% EVM (802.11a, 54 Mbps) | | **Package Type** | QFN (16-pin, 3.0mm x 3.0mm x 0.9mm) | | **Input/Output Impedance** | Internally matched to 50 $\Omega$ | --- ### Key Electronic Features 1. **Integrated Power Detector:** The device includes a temperature-compensated power detector. This allows the system to monitor the output power level accurately, ensuring stable performance across different environmental conditions. 2. **Internal Matching:** It features on-chip input and output matching circuits. This reduces the need for external components, simplifying the PCB layout and reducing the total Bill of Materials (BOM) cost. 3. **Low Current Draw:** The amplifier is optimized for mobile and battery-powered devices, providing a "Power Down" mode to conserve energy when the transmitter is inactive. 4. **EVM Performance:** It is engineered for low Error Vector Magnitude (EVM), which is critical for maintaining high data rates in 802.11n configurations. --- ### Pin Configuration (Common Layout) The SE2537L-R uses a 16-pin QFN package. Key pin functions include: * **RF_IN:** Radio Frequency Input signal. * **RF_OUT:** Amplified Radio Frequency Output signal. * **VCC:** Supply voltage pins (typically decoupled with capacitors). * **VPD:** Power Detector output voltage. * **VREF:** Reference voltage for internal biasing. * **GND:** Ground connection (central paddle is usually the primary thermal/electrical ground). --- ### Typical Applications * **Mobile Computing:** Laptops, tablets, and netbooks. * **Networking Gear:** Access points, routers, and gateways. * **Consumer Electronics:** PC cards and high-speed wireless adapters. ---
    ✨ Follow-up Questions
    • ⤷ What are the recommended decoupling capacitor values for the VCC pins?
    • ⤷ How does the SE2537L-R compare to the SE2576L in terms of power output?
    • ⤷ What is the maximum operating temperature for this component?