SDR10JTX
AI

The **SDR10JTX** is a common part number reference, typically associated with **Surface Mount (SMD) Power Inductors** produced by manufacturers like Bourns (specifically the SDR1006 or SDR1005 series).
Below is a detailed breakdown of the electronic specifications and characteristics of this component.
---
## 1. Technical Specifications
This component is a non-shielded power inductor designed for high-density mounting.
| Feature | Specification (Typical) |
| :--- | :--- |
| **Component Type** | SMD Power Inductor |
| **Inductance Range** | 1.0 µH to 1000 µH (Series dependent) |
| **Tolerance** | ±5% (J), ±10% (K), or ±20% (M) |
| **Core Material** | Ferrite |
| **Operating Temperature** | -40 °C to +125 °C |
| **Termination** | Lead-free (RoHS Compliant) |
---
## 2. Part Number Breakdown
The alphanumeric code provides specific information about the component's construction:
| Code Segment | Meaning |
| :--- | :--- |
| **SDR** | Series Name (Standard SMD Power Inductor) |
| **10** | Physical Size (Approx. 10mm diameter/width) |
| **J** | **Tolerance:** Indicates a ±5% tolerance rating |
| **T** | **Packaging:** Typically indicates Tape & Reel packaging |
| **X** | Supplemental code for specific height or plating variants |
---
## 3. Key Electronic Characteristics
### A. Non-Shielded Design
The "SDR" series is generally non-shielded. This means the magnetic field is not fully contained. While this allows for higher current handling in a smaller package, it requires careful PCB placement to avoid electromagnetic interference (EMI) with neighboring components.
### B. High Saturation Current ($I_{sat}$)
These parts are engineered to maintain their inductance even when high levels of DC current are passed through them. This is critical for power conversion stages.
### C. Low DC Resistance (DCR)
The copper windings are optimized to have low resistance, minimizing power loss (heat) and maximizing efficiency in battery-operated devices.
---
## 4. Typical Applications
The SDR10JTX series is commonly found in the following electronic circuits:
* **DC-DC Converters:** Used as energy storage elements in buck, boost, and buck-boost regulators.
* **Power Supplies:** Filtering stages for desktop and laptop computers.
* **Consumer Electronics:** Found in digital cameras, televisions, and gaming consoles.
* **LED Drivers:** Used to stabilize current flowing to high-brightness LEDs.
---
- ⤷
What are the main differences between shielded and non-shielded inductors in PCB design?
- ⤷ How does the saturation current (Isat) affect the choice of an inductor for a buck converter?
- ⤷ What are the common alternatives to the Bourns SDR series for high-power applications?