Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

  • SDR10D

  • AI
    The **SDR10D** typically refers to a series of **Power Inductors** (specifically Surface Mount Device - SMD) commonly used in power management circuits. These components are designed to store energy in a magnetic field and are critical in DC-DC conversion. --- ### 1. Key Technical Specifications The "SDR" prefix usually indicates a "Standard Drum" core shape, and the "10" refers to the physical size (approximately 10mm). | Feature | Typical Value/Description | | :--- | :--- | | **Core Material** | Ferrite | | **Inductance Range** | 1.0 µH to 1000 µH (Model dependent) | | **Tolerance** | Usually ±10% or ±20% | | **Operating Temperature** | -40°C to +125°C | | **Mounting Type** | SMD (Surface Mount Device) | ### 2. Physical Construction The SDR10D series is characterized by an **unshielded** or **semi-shielded** drum core design. 1. **Ferrite Core:** The central spool that provides high magnetic permeability. 2. **Copper Winding:** Enameled copper wire wound around the core. The thickness of the wire determines the current-carrying capacity. 3. **Terminations:** Solderable pads located on the bottom for PCB mounting. ### 3. Electronic Functions The SDR10D performs several critical roles in an electronic circuit: * **Energy Storage:** In buck or boost converters, it stores energy during the "ON" cycle of a switch and releases it during the "OFF" cycle. * **Filtering:** It blocks high-frequency AC noise while allowing DC current to pass, acting as a low-pass filter when paired with capacitors. * **Impedance Matching:** Used in RF and signal processing to match different circuit stages. ### 4. Common Applications * **Power Supplies:** DC-DC converters for laptops, servers, and mobile devices. * **Consumer Electronics:** Televisions, gaming consoles, and LED drivers. * **Industrial:** Power regulation for sensors and motor controllers. --- ### 5. Identification Code Example When reading a part number like **SDR10D-101K**: * **SDR:** Series name. * **10:** Size (approx 10mm diameter). * **101:** Inductance value ($10 \times 10^1 = 100 \mu H$). * **K:** Tolerance (K = ±10%, M = ±20%).
    ✨ Follow-up Questions
    • ⤷ What is the difference between shielded and unshielded inductors like the SDR10D?
    • ⤷ How do I calculate the saturation current for an SDR series inductor?
    • ⤷ Which soldering temperature profile is recommended for SMD power inductors?