SD12-8R2-R
AI

The **SD12-8R2-R** is a high-performance, low-profile power inductor manufactured by **Eaton (formerly Cooper Bussmann/Coiltronics)**. It is part of the SD series, known for its shielded construction and surface-mount (SMD) design.
---
### 1. Key Technical Specifications
| Parameter | Value |
| :--- | :--- |
| **Inductance** | 8.2 µH |
| **Tolerance** | ±20% |
| **DC Resistance (DCR)** | 114 mΩ (Typical) |
| **Rated Current (Irms)** | 1.34 Amps |
| **Saturation Current (Isat)** | 1.14 Amps |
| **Shielding** | Magnetically Shielded |
| **Operating Temperature** | -40°C to +125°C |
| **Package / Case** | 5.2mm x 5.2mm x 1.2mm |
---
### 2. Physical & Material Characteristics
* **Magnetically Shielded:** The core is designed to contain magnetic flux. This is critical for high-density PCB layouts because it minimizes Electromagnetic Interference (EMI) with neighboring components.
* **Low Profile:** With a height of only **1.2mm**, it is ideal for ultra-thin electronics like smartphones, tablets, and wearable sensors.
* **Ferrite Core:** Utilizes a ferrite drum core and sleeve, providing high efficiency and low core losses at high frequencies.
---
### 3. Common Applications
The SD12 series is primarily used in power management circuits where space is a premium and EMI must be controlled.
1. **DC-DC Converters:** Buck (step-down), Boost (step-up), and SEPIC topologies.
2. **Portable Electronics:** Used in mobile phones, digital cameras, and MP3 players.
3. **Computer Peripherals:** Found in hard disk drives (HDD) and solid-state drives (SSD) power rails.
4. **LED Drivers:** Providing stable current for backlighting in small displays.
---
### 4. Part Number Breakdown: `SD12-8R2-R`
| Segment | Meaning |
| :--- | :--- |
| **SD** | Series Name (Shielded Drum) |
| **12** | Size Dimensions (approx. 1.2mm height) |
| **8R2** | Inductance Value (8.2 µH) |
| **-R** | RoHS Compliant / Lead-Free |
---
- ⤷
What is the difference between Irms and Isat for this inductor?
- ⤷ Are there alternative inductors with a higher current rating in the same footprint?
- ⤷ How does the 1.2mm height affect its heat dissipation compared to taller models?