Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

  • SC-R

  • AI
    The **SC-R** typically refers to a specialized series of **Silicon Controlled Rectifiers** (a type of Thyristor) or, in specific industrial contexts, an **SCR Power Controller** assembly. These components are essential in power electronics for switching and controlling high voltages and currents. --- ### 1. Key Electronic Characteristics An SCR is a four-layer (P-N-P-N) semiconductor device that acts as a controlled switch. Unlike a transistor, it remains "ON" once triggered until the current drops below a specific threshold. | Feature | Description | | :--- | :--- | | **Terminal Types** | Anode (A), Cathode (K), and Gate (G). | | **Switching Type** | Unidirectional (current flows from Anode to Cathode only). | | **Triggering** | Requires a small pulse of current at the Gate to become conductive. | | **Latching** | Once turned on, it stays on even if the gate signal is removed. | --- ### 2. Major Components in an SC-R Assembly In industrial SC-R power controllers, the unit is more than just a single semiconductor; it is a system composed of several parts: #### A. The Thyristor Module The core switching element. High-power versions are often "hockey puck" or "bolt-on" modules capable of handling hundreds of amperes. #### B. The Control Board (Trigger Circuit) This PCB determines *when* the SCR should fire. It translates an input signal (like 4-20mA or 0-10V) into precise pulses to control the phase angle or zero-crossing. #### C. Heat Sink & Cooling SCRs generate significant heat during conduction. * **Passive:** Aluminum fins. * **Active:** Cooling fans or liquid-cooled plates for high-density power applications. #### D. Protection Components * **Snubber Network:** A resistor-capacitor (RC) circuit that protects the SCR from rapid voltage spikes ($dv/dt$). * **Fast-Acting Fuses:** Specifically rated to blow before the semiconductor junctions melt during a short circuit. --- ### 3. Comparison: SC-R vs. Traditional Relays | Feature | SC-R (Thyristor) | Mechanical Relay | | :--- | :--- | :--- | | **Switching Speed** | Microseconds | Milliseconds | | **Wear and Tear** | None (Solid State) | High (Mechanical Contacts) | | **Noise** | Silent | Audible Click | | **RFI Generation** | High (if not filtered) | Low | --- ### 4. Common Applications * **Heater Control:** Precise temperature regulation in industrial ovens. * **Motor Starters:** Soft-starting AC motors to prevent current surges. * **Lighting Dimmers:** High-capacity stage and architectural dimming. * **Power Supplies:** Rectification and regulation in high-voltage DC systems.
    ✨ Follow-up Questions
    • ⤷How does a phase-angle trigger differ from a zero-crossing trigger in an SCR?
    • ⤷ What are the common causes of SCR failure in industrial environments?
    • ⤷ How do you test an SCR using a digital multimeter?