Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

  • SBS-DB-R

  • AI
    The **SBS-DB-R** (typically referring to the **Smart Battery System - Dashboard - Relay/Remote**) is an electronic module used in advanced power management systems, specifically within the "Smart Battery System" ecosystem. It functions as a centralized monitoring and control interface for battery banks. ### Key Electronic Components and Functions The internal circuitry of an SBS-DB-R module is designed to handle communication, switching, and status indication. | Component Category | Functionality | Key Parts | | :--- | :--- | :--- | | **Microcontroller (MCU)** | The "brain" that processes data from the Battery Management System (BMS). | 8-bit or 32-bit Low-power MCU | | **Communication Interface** | Connects to the main battery/inverter network. | CAN-bus, RS485, or UART Transceivers | | **Switching/Relay Logic** | Physical or electronic switching for remote disconnects. | Mechanical Relays or Power MOSFETs | | **Status Indicators** | Visual feedback for the operator. | LED Arrays (SOC, Alarm, Run) | | **Power Regulation** | Converts high battery voltage to logic-level voltage. | DC-DC Step-down Converters (Buck) | --- ### Technical Specifications Overview While specific models vary by manufacturer (such as those used in marine or off-grid solar applications), the following electronic characteristics are standard: #### 1. Communication Bus The SBS-DB-R acts as a **Node** on a communication bus. It listens for packets regarding: * **SOC (State of Charge):** Displayed via the dashboard LEDs. * **Voltage/Current:** Monitored to trigger safety relays. * **Fault Codes:** Triggers a red alarm LED or an audible buzzer. #### 2. The Relay (Control) Circuit The "R" in the suffix usually denotes the **Relay** capability. This part of the circuit is designed to: * Actuate an external High-Current Contactor. * Provide a dry contact signal to an inverter to start/stop charging. * Isolate the battery bank in case of Undervoltage (UV) or Overvoltage (OV). #### 3. Power Consumption Because it is connected directly to the battery bank, the electronic design prioritizes **Low Quiescent Current**. This ensures the monitoring part itself doesn't drain the battery during long periods of storage. --- ### Typical Wiring Diagram Logic In a standard installation, the electronic connections follow this logic: 1. **V+ / V-:** DC Power input from the battery. 2. **CAN High / CAN Low:** Data lines for the Smart Battery System. 3. **Relay NO/NC:** Output terminals for remote control. 4. **Remote Switch:** Input for a physical "On/Off" button.
    ✨ Follow-up Questions
    • ⤷ What are the specific CAN-bus protocols used by SBS-DB-R modules?
    • ⤷ How do you troubleshoot a 'Communication Error' on this module?
    • ⤷ Can the SBS-DB-R be used with lithium batteries from different manufacturers?