Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

  • SBP5027-R

  • AI
    ## Overview of the SBP5027-R The **SBP5027-R** is an Electronic High-Voltage NPN Bipolar Junction Transistor (BJT). It is primarily designed for high-speed switching applications and power supplies. It is widely recognized for its high breakdown voltage and efficiency in power management circuits. --- ### 1. Key Technical Specifications Below are the primary electrical characteristics that define the performance of the SBP5027-R: | Parameter | Symbol | Maximum Rating | | :--- | :--- | :--- | | **Collector-Emitter Voltage** | $V_{CEO}$ | 800V | | **Collector-Base Voltage** | $V_{CBO}$ | 1100V | | **Emitter-Base Voltage** | $V_{EBO}$ | 7V | | **Collector Current (DC)** | $I_C$ | 3A | | **Collector Current (Pulse)** | $I_{CP}$ | 10A | | **Total Power Dissipation** | $P_{tot}$ | 50W (at $T_C = 25^\circ C$) | | **Junction Temperature** | $T_j$ | 150°C | --- ### 2. Physical and Pin Configuration The SBP5027-R is typically housed in a **TO-220** or similar through-hole package, which allows for attachment to a heatsink to manage thermal output. * **Pin 1 (Base):** Controls the current flow between the collector and emitter. * **Pin 2 (Collector):** The terminal where the high-voltage load is connected. * **Pin 3 (Emitter):** The terminal connected to the ground or negative side of the circuit. --- ### 3. Core Applications The device is optimized for high-stress environments. Common uses include: 1. **Switching Mode Power Supplies (SMPS):** Used in the primary side of power converters to toggle power flow at high frequencies. 2. **DC-DC Converters:** Facilitates voltage step-down or step-up processes. 3. **Horizontal Deflection Circuits:** Found in older CRT monitors and television sets. 4. **High Voltage Inverters:** Used in lighting ballasts and motor control. --- ### 4. Critical Design Considerations When integrating the SBP5027-R into a circuit, keep the following in mind: * **Heat Dissipation:** Due to the 50W power rating, a **heatsink** is mandatory if operating near the maximum current to prevent thermal runaway. * **Safe Operating Area (SOA):** Ensure that the combination of $V_{CE}$ and $I_C$ does not exceed the curve defined in the datasheet to avoid permanent silicon damage. * **Switching Speed:** The transistor is designed for fast switching; however, parasitic inductance in the PCB layout can cause voltage spikes due to the high $V_{CEO}$. Use snubber circuits if necessary.
    ✨ Follow-up Questions
    • ⤷What is the typical gain (hFE) for the SBP5027-R at standard operating temperatures?
    • ⤷ How does the SBP5027-R compare to the MJE13007 in terms of performance?
    • ⤷ What type of snubber circuit is recommended for protecting this transistor in SMPS applications?