Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

  • S2ABF

  • AI
    The **S2ABF** is a specific surface-mount electronic component, primarily categorized as a **Surface Mount General Purpose Silicon Rectifier**. It is widely used in power management and signal processing for converting Alternating Current (AC) to Direct Current (DC). --- ### 1. Key Technical Specifications The "S2A" prefix indicates its electrical characteristics, while the "BF" suffix typically refers to the package type (SMBF). | Parameter | Value | | :--- | :--- | | **Component Type** | Rectifier Diode | | **Maximum Repetitive Peak Reverse Voltage ($V_{RRM}$)** | 50V | | **Maximum RMS Voltage** | 35V | | **Maximum Average Forward Rectified Current ($I_{F(AV)}$)** | 2.0 Amperes | | **Peak Forward Surge Current ($I_{FSM}$)** | 50 Amperes | | **Maximum Forward Voltage ($V_F$)** | 1.1V @ 2.0A | | **Operating Temperature Range** | -55°C to +150°C | --- ### 2. Physical Characteristics: SMBF Package The "BF" designation refers to the **SMBF** package. This is a low-profile version of the standard SMB (DO-214AA) package, designed for high-density circuit boards. * **Low Profile:** Thinner than standard SMB packages, making it ideal for slim electronics. * **Heat Dissipation:** Designed with a large flat lead surface to improve thermal transfer to the PCB. * **Polarity:** Indicated by a cathode band (the line on the body of the diode). --- ### 3. Functional Features * **Glass Passivated Chip Junction:** Enhances reliability and stability under high temperatures. * **Low Forward Voltage Drop:** Reduces power loss and improves efficiency in power supply circuits. * **High Surge Capacity:** Can handle sudden spikes in current (up to 50A) without failing. --- ### 4. Common Applications The S2ABF is found in various consumer and industrial electronics: 1. **Power Supplies:** Used in bridge rectifiers to convert AC mains to DC. 2. **Reverse Polarity Protection:** Prevents damage to a circuit if a battery or DC input is connected backward. 3. **Freewheeling Diode:** Protects switching transistors from inductive spikes in motor drivers or relay circuits. 4. **Chargers:** Common in mobile phone chargers and laptop adapters. --- ### 5. Identification Code On the component body, you will usually see a marking code. For the S2ABF, the marking is typically: `S2A` or a specific manufacturer code followed by a date code.
    ✨ Follow-up Questions
    • ⤷ What is the difference between S2ABF and S2MBF?
    • ⤷ How does the SMBF package compare to the SMA package in terms of size?
    • ⤷ Can the S2ABF be used in high-frequency switching applications?