Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

  • S-R9

  • AI
    The **S-R9** generally refers to a specific series of high-performance **Micro-LIDAR (Laser Imaging, Detection, and Ranging) sensors** or specific automotive-grade relay components, depending on the manufacturer. However, in the context of modern electronics, it most commonly identifies as a **Solid-State LiDAR system** used for obstacle avoidance and mapping. Below is an explanation of the electronic architecture and key parts of an S-R9 LiDAR sensor. --- ### 1. Core Electronic Components of S-R9 | Component | Part Type | Function | | :--- | :--- | :--- | | **Laser Emitter** | VCSEL (Vertical-Cavity Surface-Emitting Laser) | Emits infrared light pulses (usually 850nm or 905nm) to detect objects. | | **Receiver Array** | SPAD (Single-Photon Avalanche Diode) | Captures reflected photons with high sensitivity to calculate distance. | | **Processor** | Integrated SoC / DSP | Handles Time-of-Flight (ToF) calculations and noise filtering. | | **Interface** | UART / CAN / I2C | Communicates data to the main controller (e.g., Arduino, Raspberry Pi, or Vehicle ECU). | | **Optics** | Collimating Lens | Focuses the laser beam to ensure narrow FOV (Field of View) and accuracy. | --- ### 2. Operational Electronics: Time-of-Flight (ToF) The S-R9 operates on the **Time-of-Flight** principle. The electronic circuit follows this logic: 1. **Triggering:** The internal clock triggers the laser diode to fire a short pulse. 2. **Timing:** A high-speed digital counter starts the moment the pulse is sent. 3. **Detection:** The SPAD sensor detects the returning light. 4. **Calculation:** The electronic processor calculates the distance using the formula: `Distance = (Speed of Light × Time) / 2` ### 3. Electrical Specifications Typical electronic operating parameters for an S-R9 sensor: * **Operating Voltage:** 4.5V to 5.5V DC. * **Peak Current:** ~150mA (during laser emission). * **Average Power Consumption:** <500mW. * **Communication Logic:** 3.3V TTL (Standard for most microcontrollers). --- ### 4. Application Integration The S-R9 is frequently used in the following electronic systems: * **Robotics:** For SLAM (Simultaneous Localization and Mapping). * **Drones:** For altitude hold and terrain following. * **Industrial Automation:** For safety curtains and proximity sensing. ---
    ✨ Follow-up Questions
    • ⤷ What is the difference between S-R9 and S-R16 LiDAR sensors?
    • ⤷ How do I interface the S-R9 with an Arduino or ESP32?
    • ⤷ What is the maximum detection range and accuracy of the S-R9?