Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

  • RWS300B-24-R

  • AI
    The **RWS300B-24-R** is a high-reliability, single-output AC-DC industrial power supply manufactured by **TDK-Lambda**. It is part of the RWS-B series, designed for long-term stability and high efficiency in industrial environments. --- ## 1. Technical Specifications Overview The part number itself defines its core electronic characteristics: | Feature | Specification | | :--- | :--- | | **Model Series** | RWS-B (General Purpose Industrial) | | **Output Power** | 300 Watts | | **Output Voltage** | 24V DC | | **Option Code (-R)** | Remote ON/OFF Control | | **Input Voltage Range** | 85 - 265V AC (Universal Input) | | **Efficiency** | 88% (Typical at 230VAC) | --- ## 2. Key Electronic Components & Subsystems The RWS300B-24-R utilizes several critical internal electronic stages to convert high-voltage AC into stable 24V DC. ### A. Input Filter and PFC Stage * **EMI Filter:** Includes X-capacitors, Y-capacitors, and common-mode chokes to reduce electrical noise (conducted emissions) to meet EN55011/EN55022 Class B standards. * **Active PFC (Power Factor Correction):** Uses an active circuit to ensure the power factor is near 0.95 or higher, reducing harmonic distortion on the AC grid. ### B. Power Conversion (Switching Stage) * **PWM Controller:** A high-frequency pulse-width modulation IC manages the switching of MOSFETs. * **Power MOSFETs:** High-voltage silicon transistors that switch the rectified DC at high frequencies to allow for a smaller transformer size. * **Main Transformer:** Provides galvanic isolation between the AC input and the DC output. ### C. Output Rectification & Filtering * **Schottky Diodes/Rectifiers:** High-speed diodes convert the high-frequency AC from the transformer back to DC. * **Electrolytic Capacitors:** Low ESR (Equivalent Series Resistance) capacitors smooth the ripple to provide a clean 24V output. The RWS-B series specifically uses high-grade capacitors to achieve a 10-year design life. ### D. Protection Circuitry The unit includes integrated electronic sensors and logic to prevent damage: 1. **Overcurrent Protection (OCP):** Shuts down or limits current if it exceeds ~105% of rated load. 2. **Overvoltage Protection (OVP):** Protects the load (the 24V device) if the internal feedback loop fails. 3. **Thermal Protection:** Sensors monitor internal temperatures and shut the unit down if cooling is obstructed. --- ## 3. The "-R" Option: Remote ON/OFF The specific electronic difference in the **-R** model is the inclusion of a dedicated control circuit: * **External Control:** Allows a PLC or external switch to turn the 24V output ON or OFF without disconnecting the main AC power. * **Internal Opto-Isolator:** Uses an optical coupler to ensure the control signal is electrically isolated from the high-voltage side of the power supply. --- ## 4. Mechanical & Thermal Interface * **Cooling:** This specific 300W model is usually cooled by an **internal fan** to manage the heat generated by the switching MOSFETs and rectifiers. * **Terminals:** Features heavy-duty screw terminals for secure high-current connections.
    ✨ Follow-up Questions
    • ⤷ What is the wiring diagram for the Remote ON/OFF (-R) function?
    • ⤷ What is the maximum operating temperature before the unit begins to derate?
    • ⤷ How does the RWS300B-24 compare to the HWS series from TDK-Lambda?